Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP200002-PCB-75 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP200002-PCB-75
Description  ESD Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP200002-PCB-75 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP200002-PCB-75 Datasheet HTML 1Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 2Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 3Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 4Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 5Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 6Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 7Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 8Page - TriQuint Semiconductor TQP200002-PCB-75 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TQP200002
ESD Protection Device
Data Sheet: Rev E 04/16/13
- 5 of 11-
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Distortion Performance: CTB/CSO
Test conditions: Distortion data was taken against baselines obtained for the TAT8857 and an industry leading
GAN module.
Channel plan: 79 ch. NTSC + QAM to 1 GHz, with 13 dB tilt at input.
65
70
75
80
0.00
100.00
200.00
300.00
400.00
500.00
600.00
Frequency (MHz)
CTB vs. Frequency, Pout = 54 dBmV/ch.
TAT8857 Baseline
Baseline + TQP (Vtrig = 18 V)
Baseline + TQP (Vtrig = 25 V)
Baseline + TQP (Vtrig = 41 V)
45
50
55
60
0.00
100.00
200.00
300.00
400.00
500.00
600.00
Frequency (MHz)
CTB vs. Frequency, Pout = 64 dBmV/ch.
TAT8857+GAN Hybrid Baseline
Baseline + TQP (Vtr = 18 V)
Baseline + TQP (Vtr = 25 V)
Baseline + TQP (Vtr = 41 V)
65
70
75
80
0.00
100.00
200.00
300.00
400.00
500.00
600.00
Frequency (MHz)
CSOL vs. Frequency, Pout = 54 dBmV/ch.
TAT8857 Baseline
Baseline + TQP (Vtr = 18V)
Baseline + TQP (Vtr = 25 V)
Baseline + TQP (Vtr = 41V)
55
60
65
70
0.00
100.00
200.00
300.00
400.00
500.00
600.00
Frequency (MHz)
CSOL vs. Frequency, Pout = 64 dBmV/ch.
TAT8857+GAN Hybrid Baseline
Baseline + TQP (Vtr = 18V)
Baseline + TQP (Vtr = 25V)
Baseline + TQP (Vtr = 41V)
65
75
85
95
0.00
100.00
200.00
300.00
400.00
500.00
600.00
Frequency (MHz)
CSOH vs. Frequency, Pout = 54 dBmV/ch.
TAT8857 Baseline
Baseline + TQP (Vtr = 18V)
Baseline + TQP (Vtr = 25V)
Baseline + TQP (Vtr = 41V)
50
60
70
80
0.00
100.00
200.00
300.00
400.00
500.00
600.00
Frequency (MHz)
CSOH vs. Frequency, Pout = 64 dBmV/ch.
TAT8857+GAN Hybrid Baseline
Baseline + TQP (Vtr = 18V)
Baseline + TQP (Vtr = 25V)
Baseline + TQP (Vtr = 41V)


Similar Part No. - TQP200002-PCB-75

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP200002 QORVO-TQP200002 Datasheet
502Kb / 10P
   Dual ESD Diode
TQP200002SR QORVO-TQP200002SR Datasheet
502Kb / 10P
   Dual ESD Diode
More results

Similar Description - TQP200002-PCB-75

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
   ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
   ESD Protection Device
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
   ESD protection device
3 September 2021
logo
Micro Commercial Compon...
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
   ESD Protection Device
Rev.3-1-12022022
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
   ESD Protection Device
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
   ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
   ESD protection device
3 September 2021
logo
Chip Integration Techno...
T1211LC CITC-T1211LC Datasheet
499Kb / 4P
   ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT1211LC LUGUANG-LGLT1211LC Datasheet
1Mb / 4P
   ESD Protection Device
logo
Micro Commercial Compon...
ESD15VL MCC-ESD15VL Datasheet
976Kb / 4P
   ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com