Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9321-PCB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP9321-PCB
Description  High Efficiency 0.5 W Small Cell PA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9321-PCB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP9321-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP9321-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP9321-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP9321-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP9321-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP9321-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP9321-PCB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TQP9321
High Efficiency 0.5 W Small Cell PA
Datasheet: Rev. H 04-10-15
- 2 of 7 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc.
www.triquint.com / www.qorvo.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
40 to 150
 °C
Supply Voltage (VCC)
+6 V
RF Input Power, CW, 50 Ω, T=25 °C
+10 dBm
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VDD
+5
V
TAMB
40
25
+85
°C
Tj for >106 hours MTTF
+175
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted:
VCC
=+5 V, V
PD1=VPD2= +5 V, Temp.=+25 °C.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
1800
2170
MHz
Output Channel Power
+27
dBm
Gain
1805 – 1880
MHz
28.1
30
dB
1930 – 1990
MHz
27.1
29
dB
2110 – 2170
MHz
27.1
29
30.8
dB
Gain Temperature Coefficient
-0.024
dB/°C
ACLR Uncorrected
See note 1
-35
dBc
ACLR Corrected
See note 1
-50
dBc
Power Added Efficiency
1805 – 1880 MHz, See note 1
29
%
1930 – 1990
MHz, See note 1
28
%
2110 – 2170 MHz, See note 1
27
%
Output P3dB
1805 – 1880 MHz
+33.6
+34.7
dBm
1930 – 1990
MHz
+33.6
+34.7
dBm
2110 – 2170 MHz
+33.6
+34.7
dBm
P3dB Temperature Coefficient
-0.008
dBm/°C
Noise Figure
3.5
dB
Quiescent Current, ICQ
90
110
136
mA
Reference Current , IPD
2
mA
Operational Current, ICC
Pout = +27 dBm
340
mA
VSWR Survivability
Pout = +26 dBm
Signal : WCDMA 1C, PAR = 8 dB
10:1
Thermal Resistance, θjc
Module (junction to case)
27
°C/W
Notes:
1.
Using LTE signal, 20 MHz/Carrier, IBW = 18.02 MHz, PAR 7.5 dB, Pout = +27 dBm.
2. Items in min/max columns in bold at
guaranteed by production test at 2.14 GHz.
3. Items in min/max columns that are not a bold font are guaranteed by design characterization.


Similar Part No. - TQP9321-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9309 TRIQUINT-TQP9309 Datasheet
686Kb / 8P
   High Efficiency 0.5W Small Cell Power Amplifier
TQP9309-PCB TRIQUINT-TQP9309-PCB Datasheet
686Kb / 8P
   High Efficiency 0.5W Small Cell Power Amplifier
TQP9309 TRIQUINT-TQP9309_15 Datasheet
686Kb / 8P
   High Efficiency 0.5W Small Cell Power Amplifier
More results

Similar Description - TQP9321-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9421 QORVO-QPA9421 Datasheet
1Mb / 10P
   High Linearity 0.5 W Small Cell PA
QPA9424 QORVO-QPA9424 Datasheet
1Mb / 10P
   High Linearity 0.5 W Small Cell PA
TQP9418 QORVO-TQP9418 Datasheet
500Kb / 8P
   High Linearity 0.5 W Small Cell PA
QPA9418 QORVO-QPA9418 Datasheet
946Kb / 10P
   High Linearity 0.5 W Small Cell PA
QPA9426 QORVO-QPA9426 Datasheet
539Kb / 8P
   High Linearity 쩍 W Small Cell PA
August 7, 2017
logo
TriQuint Semiconductor
TQP9221 TRIQUINT-TQP9221 Datasheet
429Kb / 10P
   High Linearity 0.25 W Small Cell PA
TGA2450-SM TRIQUINT-TGA2450-SM Datasheet
793Kb / 9P
   2100 MHz, 2.5 W, Small Cell PA Module
TQP9309 TRIQUINT-TQP9309_15 Datasheet
686Kb / 8P
   High Efficiency 0.5W Small Cell Power Amplifier
logo
Skyworks Solutions Inc.
SKY65364-21 SKYWORKS-SKY65364-21 Datasheet
722Kb / 14P
   High-efficiency PA
logo
Transcom, Inc.
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com