Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9107-PCB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP9107-PCB
Description  699-960 MHz 2-stage Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9107-PCB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP9107-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQP9107-PCB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TQP9107
699-960 MHz 2-stage Power Amplifier
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VCC, VBIAS
+4.3
+5
V
VPD1, VPD2
+4.0
+5
V
TCASE
-40
+85
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to +150 °C
Supply Voltage (VCC)
+6
 V
RF Input Power, CW, 50Ω, T=25 °C
+7 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted: VCC = VBIAS =
+4.3 V, VPD1 = VPD2 =+4.0 V, Temp=+25 °C, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
699
960
MHz
Test Frequency
849
MHz
Gain
28.8
35.5
dB
Noise Figure
5
dB
Output P1dB
31.4
dBm
Output IP3
Pout
 = +23 dBm/tone, Δf = 600 kHz
+43
+46
dBm
IMD3, IMD5, IMD7
All power levels
 ≤ 23 dBm / tone
−17
dBm
Current, ICC
Pout
 = +27 dBm
370
mA
Power Added Efficiency
Pout = +27 dBm
31
%
Idle Current
No RF Input Power
84
mA
Thermal Resistance, θjc
Junction to case
30.1
°C/W
Advanced Data Sheet: Rev E 10-29-14
- 2 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP9107-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9108 TRIQUINT-TQP9108 Datasheet
350Kb / 9P
   1.7-2.17 GHz 2-stage Power Amplifier
TQP9108-PCB TRIQUINT-TQP9108-PCB Datasheet
350Kb / 9P
   1.7-2.17 GHz 2-stage Power Amplifier
TQP9108 TRIQUINT-TQP9108_15 Datasheet
350Kb / 9P
   1.7-2.17 GHz 2-stage Power Amplifier
logo
Qorvo, Inc
TQP9109 QORVO-TQP9109 Datasheet
712Kb / 11P
   1/2 W 2-stage Linear Amplifier
TQP9109-PCB2140 QORVO-TQP9109-PCB2140 Datasheet
712Kb / 11P
   1/2 W 2-stage Linear Amplifier
More results

Similar Description - TQP9107-PCB

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G58Q1C WALSIN-RFDIP1608070G58Q1C Datasheet
581Kb / 8P
   699~960 MHz / 1710~2690 MHz Working Frequency
logo
TAI-SAW TECHNOLOGY CO.,...
TL0015A TAI-SAW-TL0015A Datasheet
305Kb / 5P
   Tx Low Pass Filter 699~960 MHz SMD 1.6X0.8 mm
logo
M/A-COM Technology Solu...
MAMG-000912-090PSM MA-COM-MAMG-000912-090PSM Datasheet
1Mb / 6P
   960-1215 MHz 90 W 2-Stage GaN Module
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
   Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
logo
WOLFSPEED, INC.
PTGA090304MD WOLFSPEED-PTGA090304MD Datasheet
1Mb / 12P
   Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
Rev. 04.2, 2022-1-27
logo
Stealth Microwave, Inc.
SM09296-51LD STEALTH_MICROWAVE-SM09296-51LD Datasheet
153Kb / 3P
   920 - 960 MHz 120 Watt Power Amplifier
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
   921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
   921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
logo
NXP Semiconductors
MHVIC910HNR2 NXP-MHVIC910HNR2 Datasheet
770Kb / 12P
   921 MHz--960 MHz SiFET RF Integrated Power Amplifier
Rev. 9, 5/2006
logo
STMicroelectronics
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com