Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N52008M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N52008M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 8M (26-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N52008M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N52008M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N52008M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 50/125 Fiber Patch Cable
(LC/LC), 8M (26-ft.)
MODEL NUMBER: N520-08M
Description
Tripp Lite's 8 meter multimode duplex Fibre Channel optic LC/LC patch cable is manufactured from 50/125
zipcord fiber. The cable has LC connectors on each end. It has a PVC jacket and is FDDI and OFNR rated.
50/125 Duplex multimode fiber is most commonly used in Fibre Channel applications. It is backward compatible with 62.5 micron fiber and provides built-in
headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in 1, 2, 3, 10, 15, 20,
25, 30, and 50 meter lengths. Enter "N520-" in the search field to bring up all lengths. For LC-SC cables, search "N516-", and for SC-SC, search "N506-".
Features
Constructed with 50/125 micron cable Length - 8 Meters ( 25-26ft ) Use on fiber and fibre channel installations LC male to LC male connectors Higher
bandwidth optimized for gigabit and 10Gbps networks Backward compatible with 62.5 micron fiber Built-in headroom for future applications Number of fibers: 2
Fiber type: all glass graded index Core diameter: two 50+/-3 microns CLAD diameter: 125+/-2 microns Primary coating diameter: 245+/-15 microns Primary
coating material: acrylate Secondary coating diameter: 900+/-50 microns Secondary coating material: PVC Attenuation @850NM: 3.5DB/KM maximum,
@1300NM: 1.0DB/KM maximum Bandwidth @850NM: 220 MHz-KM minimum, @1300NM: 600 MHz-KM minimum Numeric aperture: .275 nominal Proof test
level: 100,000 PSI Insertion loss testing performed on every connector (0.2db typical) and provided with cable Beveled edge on ends of glass makes insertion
of plug a breeze
Specifications
OVERVIEW
Fiber Type
50/125 - OM2
Cable Type
Multimode
INPUT
Highlights
Premium PVC multimode patch
cables
Attenuation loss meets or
exceeds the latest industry
standards
Higher bandwidth optimized for
gigabit and 10Gbps networks
Backward compatible with 62.5
micron fiber
Built-in headroom for future
applications
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/LC connectors
Package Includes
8 Meter Duplex MMF Cable
LC/LC 50/125 fiber
1 / 2


Similar Part No. - N52008M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N52001M TRIPPLITE-N52001M Datasheet
493Kb / 3P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
N52002M TRIPPLITE-N52002M Datasheet
494Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N52003M TRIPPLITE-N52003M Datasheet
493Kb / 3P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
N52004M TRIPPLITE-N52004M Datasheet
500Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 4M (13-ft.)
N52005M TRIPPLITE-N52005M Datasheet
494Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 5M (16-ft.)
More results

Similar Description - N52008M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N520-08M TRIPPLITE-N520-08M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 8M (26-ft.)
N318-08M TRIPPLITE-N318-08M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 8M (26-ft.)
N31808M TRIPPLITE-N31808M Datasheet
475Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 8M (26-ft.)
N820-08M TRIPPLITE-N820-08M Datasheet
157Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 8M (26-ft.)
N82008M TRIPPLITE-N82008M Datasheet
487Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 8M (26-ft)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N520-15M TRIPPLITE-N520-15M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
N520-50M TRIPPLITE-N520-50M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 50M (164-ft.)
N520-07M TRIPPLITE-N520-07M Datasheet
166Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N520-12M TRIPPLITE-N520-12M Datasheet
168Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 12M (40-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com