Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N51820M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N51820M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),20M (65-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N51820M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N51820M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N51820M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
20
PHYSICAL
Color
Orange
COMMUNICATIONS
Network Speed
1Gbps
CONNECTIONS
Connector A
LC
Connector B
ST
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N51820M

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5182A HP-N5182A Datasheet
2Mb / 32P
   Fast switching speeds
N5182A HP-N5182A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
Keysight Technologies
N5182B KEYSIGHT-N5182B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators
More results

Similar Description - N51820M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N518-20M TRIPPLITE-N518-20M Datasheet
156Kb / 2P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/ST), 20M (65-ft.)
N52020M TRIPPLITE-N52020M Datasheet
496Kb / 3P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 20M (65-ft.)
N520-20M TRIPPLITE-N520-20M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 20M (65-ft.)
N31820M TRIPPLITE-N31820M Datasheet
474Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 20M (65-ft.)
N318-20M TRIPPLITE-N318-20M Datasheet
167Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 20M (65-ft.)
N51620M TRIPPLITE-N51620M Datasheet
488Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 20M (65-ft.)
N516-20M TRIPPLITE-N516-20M Datasheet
157Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 20M (65-ft.)
N320-20M TRIPPLITE-N320-20M Datasheet
165Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 20M (65-ft.)
N32020M TRIPPLITE-N32020M Datasheet
490Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 20M (65-ft.)
N32020MRD TRIPPLITE-N32020MRD Datasheet
477Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC) - Red, 20M (65-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com