Electronic Components Datasheet Search |
|
N51810M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
N51810M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page Duplex Multimode 50/125 Fiber Patch Cable (LC/ST), 10M (33-ft.) MODEL NUMBER: N518-10M Description Tripp Lite's 10-meter multimode duplex fiber optic LC/ST patch cable is manufactured from 50/125 zipcord fiber. The cable has LC connectors on one end, and ST connectors on the other. It has a PVC jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in fiber and Fibre Channel applications. It is backward compatible with 62.5 micron fiber and built-in headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks. Features Constructed with 50/125 micron cable Length - 10M Use on fiber and fibre channel installations LC male to ST male connectors Higher bandwidth optimized for gigabit and 10Gbps networks Backward compatible with 62.5 micron fiber Built-in headroom for future applications Specifications OVERVIEW Number of Fibers 2 Fiber Type 50/125 - OM2 Cable Type Multimode INPUT Highlights Perfect for use with Fibre Channel Controller Cards and Switches Attenuation loss meets or exceeds the latest industry standards Higher bandwidth, optimized for gigabit and 10Gbps networks Backward compatible with 62.5 micron fiber Built-in headroom for future applications Premium PVC multimode patch cables Applications Fibre Channel storage installations System Requirements Any fiber optic hardware or NIC card requiring multimode duplex cable with LC/ST connectors Package Includes 10M duplex MMF cable LC/ST 50/125 fiber 1 / 2 |
Similar Part No. - N51810M |
|
Similar Description - N51810M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |