Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA20-600C Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # BTA20-600C
Description  RMS on-state current (full sine wave)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA20-600C Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BTA20-600C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA20-600C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA20-600C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA20-600C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RMS on-state current (full cycle)
Figure 2: Correlation between maximum RMS
power dissipation and maximum allowable
temperatures (Tamb and Tcase) for different
thermal resistances heatsink + contact
Figure 3: RMS on-state current versus case
temperature (full cycle)
Figure 4: Relative
variation
of
thermal
impedance versus pulse duration
Figure
5:
On-state
characteristics
(maximum values)
Figure 6: Non repetitive surge peak on-state
current versus number of cycles
0
5
10
15
20
0
10
5
15
20
25
30
P(W)
I
(A)
T(RMS)
180°
α
α
α = 180°
α = 120°
α = 90°
α = 30°
α = 60°
0
20
40
60
80
100
120
P(W)
125
85
75
65
95
115
105
T
(°C)
case
R = 1.5°C/W
th
R = 1°C/W
th
R = 0.5°C/W
th
R = 0°C/W
th
T
(°C)
amb
0
10
5
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
110
120 130
0
5
10
15
25
20
I
(A)
T(RMS)
T (°C)
C
α = 180°
t (s)
p
1.E-3
1.E-2
1.E-1
1.E+0
1.E+1
1.E+2
5.E+2
0.01
0.1
1
K=[Z /R
th
th]
Zth(j-c)
Zth(j-a)
12
3
4
5
1
10
100
1000
I
(A)
TM
V
(V)
TM
T = 25°C
j
.
T=
j
T max.
j
T max.
V = 1.04V
R = 20 m
j
t0
d
1
10
100
1000
100
1000
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Figure 1: Maximum power dissipation versus
BTA20 Series
2014-6-10
3
www.kersemi.com


Similar Part No. - BTA20-600C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA20-600CW STMICROELECTRONICS-BTA20-600CW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-600CW KERSEMI-BTA20-600CW Datasheet
1Mb / 4P
   RMS on-state current (full sine wave)
logo
Inchange Semiconductor ...
BTA20-600CW ISC-BTA20-600CW Datasheet
106Kb / 1P
   With TO-220AB insulated package
logo
HAOPIN MICROELECTRONICS...
BTA20-600CW HAOPIN-BTA20-600CW Datasheet
317Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA20-600CWRG STMICROELECTRONICS-BTA20-600CWRG Datasheet
83Kb / 6P
   20A TRIACS
More results

Similar Description - BTA20-600C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA20-600CW KERSEMI-BTA20-600CW Datasheet
1Mb / 4P
   RMS on-state current (full sine wave)
BTA20-700B KERSEMI-BTA20-700B Datasheet
897Kb / 4P
   RMS on-state current (full sine wave)
BTA20-600B KERSEMI-BTA20-600B Datasheet
897Kb / 4P
   RMS on-state current (full sine wave)
logo
New Jersey Semi-Conduct...
S12200H NJSEMI-S12200H Datasheet
93Kb / 2P
   RMS on -state current
S12XXXH NJSEMI-S12XXXH Datasheet
149Kb / 2P
   RMS on -state current
C290 NJSEMI-C290 Datasheet
192Kb / 2P
   RMS Forward Current, On-State
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com