Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17P709 Datasheet(PDF) 11 Page - NEC

Part # UPD17P709
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P709 Datasheet(HTML) 11 Page - NEC

Back Button UPD17P709 Datasheet HTML 7Page - NEC UPD17P709 Datasheet HTML 8Page - NEC UPD17P709 Datasheet HTML 9Page - NEC UPD17P709 Datasheet HTML 10Page - NEC UPD17P709 Datasheet HTML 11Page - NEC UPD17P709 Datasheet HTML 12Page - NEC UPD17P709 Datasheet HTML 13Page - NEC UPD17P709 Datasheet HTML 14Page - NEC UPD17P709 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
µPD17P709
VDD1
VDD0
VCOH
VCOL
EO0
EO1
TEST
P1D3
P1D2
P1D1/BEEP1
P1D0/BEEP0
P2B3
to
P2B0
P3C3
to
P3C0
Function
When reset
When the clock
is stopped
30
79
31
32
34
35
36
37
38
39
40
43
to
46
47
to
50
Power-on reset
When reset
When the clock
is stopped
High-impedance
output
High-impedance
output
High-impedance
output
CE reset
Input
(P1D3-P1D0)
Input
(P1D3-P1D0)
Held
(P1D3-P1D0)
Held
(P1D3-P1D0)
WDT&SP reset
WDT&SP reset
Power-on reset
Held
Held
When reset
When the clock
is stopped
CE reset
WDT&SP reset
Input
Input
Power supply. Apply the same voltage to the VDD1 and VDD0 pins.
• When the CPU and peripheral functions are operating: 4.5 to 5.5 V
• When only the CPU is operating: 3.5 to 5.5 V
• When the clock is stopped: 2.2 to 5.5 V
Input for PLL local oscillation (VCO) frequency
VCOH
• Active when VHF mode is selected by software. Otherwise, pulled
down.
VCOL
• Active when HF or MW mode is selected by software. Otherwise,
pulled down.
Inputs to these pins are to be AC-amplified. Cut, therefore, the DC
components in the input signals by using capacitors.
Output from the charge pump of the PLL frequency synthesizer. The
result of phase comparison between the divided local oscillation fre-
quency and reference frequency is output.
Test input pin.
Be sure to connect it to GND.
Output for port 1D and BEEP
P1D3-P1D0
• 4-bit I/O port
• Input/output can be specified bit by bit.
BEEP1, BEEP0
• BEEP output
4-bit I/O port.
Input/output can be specified bit by bit.
4-bit I/O port.
Input/output can be specified in 4-bit units.
Power-on reset
WDT&SP reset
CE reset
Held
Held
When reset
When the clock
is stopped
Input
Input
CMOS tristate
CMOS push-pull
CMOS push-pull
CMOS push-pull
Symbol
Pin No.
Output format
Power-on reset
High-impedance
output
CE reset


Similar Part No. - UPD17P709

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17P709 RENESAS-UPD17P709 Datasheet
340Kb / 40P
   MOS INTEGRATED CIRCUIT
1995
UPD17P709A RENESAS-UPD17P709A Datasheet
390Kb / 38P
   MOS INTEGRATED CIRCUIT
2021
UPD17P709AGC-3B9 RENESAS-UPD17P709AGC-3B9 Datasheet
390Kb / 38P
   MOS INTEGRATED CIRCUIT
2021
UPD17P709GC-3B9 RENESAS-UPD17P709GC-3B9 Datasheet
340Kb / 40P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD17P709

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
   DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
logo
NEC
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
logo
Renesas Technology Corp
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
NEC
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com