Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17P709 Datasheet(PDF) 23 Page - NEC

Part # UPD17P709
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P709 Datasheet(HTML) 23 Page - NEC

Back Button UPD17P709 Datasheet HTML 19Page - NEC UPD17P709 Datasheet HTML 20Page - NEC UPD17P709 Datasheet HTML 21Page - NEC UPD17P709 Datasheet HTML 22Page - NEC UPD17P709 Datasheet HTML 23Page - NEC UPD17P709 Datasheet HTML 24Page - NEC UPD17P709 Datasheet HTML 25Page - NEC UPD17P709 Datasheet HTML 26Page - NEC UPD17P709 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
µPD17P709
Fig. 2-1
PA17P709GC and PA-17KDZ
2.1
OPERATING MODES FOR PROGRAM MEMORY WRITE, READ, AND VERIFICATION
The
µPD17P709 is placed in program memory write, read, and verify mode when +6 V is applied to the VDD pin,
and +12.5 V to the VPP pin.
In this mode, one of the operating modes indicated in Table 2-2 is set, depending on the setting of the MD0 to
MD3 pins.
The input pins that are not used for program memory write, read, and verification are connected to GND through
a pull-down resistor (470 ohms). (See PIN CONFIGURATION, (2) PROM programming mode.)
Table 2-2
Operating Modes for Program Memory Write, Read, and Verication
Remark X: L or H
Operating mode specification
MD0
H
L
L
H
VDD
VPP
Operating mode
MD2
H
H
H
H
MD1
L
H
L
X
MD3
L
H
H
H
Program memory address zero-clear mode
Write mode
Read/verify mode
Program inhibit mode
+12.5V
+6V
PA-17KDZ
PA-17P709GC
To PG-1500


Similar Part No. - UPD17P709

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17P709 RENESAS-UPD17P709 Datasheet
340Kb / 40P
   MOS INTEGRATED CIRCUIT
1995
UPD17P709A RENESAS-UPD17P709A Datasheet
390Kb / 38P
   MOS INTEGRATED CIRCUIT
2021
UPD17P709AGC-3B9 RENESAS-UPD17P709AGC-3B9 Datasheet
390Kb / 38P
   MOS INTEGRATED CIRCUIT
2021
UPD17P709GC-3B9 RENESAS-UPD17P709GC-3B9 Datasheet
340Kb / 40P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD17P709

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
   DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
logo
NEC
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
logo
Renesas Technology Corp
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
NEC
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com