Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM38 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SFM38
Description  SMC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SFM38 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SFM38 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SFM38 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AB
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.00585 ounce, 0.195 gram
(V)
(V)
(V)
(V)
(nS)
(
oC)
SFM31
S31
50
35
50
SFM32
S32
100
70
100
SFM33
S33
150
105
150
SFM34
S34
200
140
200
SFM35
S35
300
210
300
SFM36
S36
400
280
400
SFM37
S37
500
350
500
SFM38
S38
600
420
600
SYMBOLS
MARKING
CODE
35
0.95
1.70
1.25
-55 to +150
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
TRR
*5
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 50
oC
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
100
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
100
uA
Thermal resistance
Junction to ambient
RqJA
16
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
45
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
0.283(7.2)
0.260(6.6)
0.012(0.3) Typ.
0.189(4.8)
0.165(4.2)
0.244(6.2)
0.228(5.8)
0.098(2.5)
0.075(1.9)
0.040 (1.0) Typ.
0.040(1.0) Typ.
0.152(3.8)
0.144(3.6)
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMC
S31-S38
RoHS
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Similar Part No. - SFM38

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM38 FORMOSA-SFM38 Datasheet
96Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM38 FORMOSA-SFM38 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM38-B FORMOSA-SFM38-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM38-BS FORMOSA-SFM38-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
More results

Similar Description - SFM38

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
   SMC JACK TO SMC JACK
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
   SMC PLUG TO SMC JACK
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
logo
Central Semiconductor C...
SMCPD CENTRAL-SMCPD Datasheet
582Kb / 3P
   SMC Case
logo
Pasternack Enterprises,...
PE33641 PASTERNACK-PE33641 Datasheet
269Kb / 1P
   CABLE ASSEMBLY RG58C/U SMC PLUG TO SMC PLUG TO SMC PLUG
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
   SMC Jack to SMC Jack Bulkhead Adapter
PE3808 PASTERNACK-PE3808 Datasheet
271Kb / 1P
   CABLE ASSEMBLY SMC PLUG TO SMC PLUG
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
   75 Ohm SMC Plug to SMC Plug Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
   75 Ohm SMC Jack to SMC Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com