Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP5523-EVB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP5523-EVB
Description  High Power 5 GHz WLAN Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP5523-EVB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP5523-EVB Datasheet HTML 1Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 2Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 3Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 4Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 5Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 6Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 7Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 8Page - TriQuint Semiconductor TQP5523-EVB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TQP5523
High Power 5 GHz WLAN Power Amplifier
Datasheet: Rev E 02-03-15
- 3 of 10 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Electrical Specifications
Test conditions unless otherwise noted: 25°C, Vcc1, Vcc2, Vcc3 = 5.0V, PA Enable High = 3.0V, TQ EVB , -45dBm EVM source
Parameter
Conditions
Min
Typ
Max
Units
Operational Freq. Range
4900
5925
MHz
3dB Bandwidth
At each 11ac VHT80 channel
4850
6430
MHz
Saturation Power (Psat)
f =4900-5250 MHz
26.5
dBm
f =5250-5925 MHz
31
Small Signal Gain
f =4900-5250 MHz
26
28
34
dB
f =5250-5925 MHz
29
32
37
Gain Out of Band
Absolute gain, f =3433–3917 MHz
0
dB
Absolute gain, f=1716–1959 MHz
-50
Gain Flatness Across Band
For any 80MHz BW, 11ac VHT80
+/- 0.3
dB
Spectral Emission Mask Margin
Relative to 11ac standard
11ac, MCS0, HT20
Pout = +24 dBm, f =5150 – 5250 MHz
5
dB
Pout = +24 dBm, f =5250-5725 MHz
5
Pout = +24 dBm, f =5725-5925 MHz
5
PA Noise Figure
7
dB
Input Return Loss
8
dB
Output Return Loss
10
dB
CW Signal Phase Variation
Pout = +15 dBm to +21 dBm
1.0
deg
TX Harmonics (2fo)
11ac, MCS9, HT80
Pout = +20 dBm, f =5150-5250 MHz
−45
dBm/MHz
Pout = +24 dBm, f =5250-5725 MHz
−45
Pout = +24 dBm, f =5725-5925 MHz
−45
TX Harmonics (3fo)
11ac, MCS9, HT80
Pout = +24 dBm, f =5150-5250 MHz
−45
dBm/MHz
Pout = +24 dBm, f =5250-5725 MHz
−45
Pout = +24 dBm, f =5725-5925 MHz
−45
DEVM (11n / HT40 / MCS7)
Pout = +23.5 dBm
−30
dB
DEVM (11ac / VHT80 / MCS9)
Pout = +16 dBm
−40
−35
dB
Pout = +21 dBm
−37
−32
DEVM (11ac / HT20 / MCS0)
Pout = +24.5 dBm
−28
−25
dB
Detector Voltage
No RF
+0.35
V
Pout = +24.5 dBm
+0.7
+0.9
+1.0
Stability
Pout = +24.5 dBm,
VSWR = 6:1, all phases
All non-harmonically related outputs
< –50 dBc/100 kHz
-
Ruggedness
Pout = +24.5 dBm,
VSWR = 6:1, all phases
No Damage
-


Similar Part No. - TQP5523-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP5525 TRIQUINT-TQP5525 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
logo
TriQuint Semiconductor
TQP5525-EVB TRIQUINT-TQP5525-EVB Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Qorvo, Inc
TQP5525PCK401 QORVO-TQP5525PCK401 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
logo
TriQuint Semiconductor
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
More results

Similar Description - TQP5523-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
SKY85743-21 SKYWORKS-SKY85743-21 Datasheet
173Kb / 2P
   5 GHz High-Power WLAN Front-End Module
SKY85747-11 SKYWORKS-SKY85747-11 Datasheet
1Mb / 13P
   5 GHz High-Power WLAN Front-End Module
December 19, 2019
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com