Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP5523 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP5523
Description  High Power 5 GHz WLAN Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP5523 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP5523_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP5523_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TQP5523
High Power 5 GHz WLAN Power Amplifier
Datasheet: Rev E 02-03-15
- 10 of 10 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: 1C
Value: ≥ 1000 V to < 2000 V
Test: Human Body Model (HBM)
Standard: ESDA/JEDEC Standard JS-001-2012
ESD Rating: C3
Value: ≥ 1000 V
Test: Charged Device Model (CDM)
Standard: JEDEC Standard JESD22-C101F
Solderability
Compatible with both lead-free (260°C maximum reflow
temperature) and tin/lead (245°C maximum reflow
temperature) soldering processes.
Contact plating: NiPdAu
RoHS Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
MSL Rating: Level 1
Test: 260°C convection reflow
Standard: JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - TQP5523_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP5525 TRIQUINT-TQP5525 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
logo
TriQuint Semiconductor
TQP5525-EVB TRIQUINT-TQP5525-EVB Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Qorvo, Inc
TQP5525PCK401 QORVO-TQP5525PCK401 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
logo
TriQuint Semiconductor
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
More results

Similar Description - TQP5523_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
SKY85743-21 SKYWORKS-SKY85743-21 Datasheet
173Kb / 2P
   5 GHz High-Power WLAN Front-End Module
SKY85747-11 SKYWORKS-SKY85747-11 Datasheet
1Mb / 13P
   5 GHz High-Power WLAN Front-End Module
December 19, 2019
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com