Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9106-PCB900 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP7M9106-PCB900
Description  2 Watt High Linearity Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9106-PCB900 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP7M9106-PCB900 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9106-PCB900 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TQP7M9106
2 Watt High Linearity Amplifier
Datasheet: Rev D 01-24-13
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
Typical Performance
− TQP7M9106-PCB900
Test conditions unless otherwise noted: VCC=+5 V, Temp=+25°C
Parameter
Conditions
Typical Value
Units
Frequency
920
940
960
MHz
Gain
20.6
20.8
21
dB
Input Return Loss
8.5
9.2
9.4
dB
Output Return Loss
11.3
12.7
14.9
dB
Output P1dB
+32.9
+33.1
+33.2
dBm
Output IP3
Pout= +17
dBm/tone, Δf=1 MHz
+49.8
+50.3
+50.5
dBm
WCDMA Channel Power
ACLR=-50 dBc
(1)
+23.3
+23.5
+23.5
dBm
Noise Figure
4.8
4.8
4.8
dB
Quiescent Collector Current, ICQ
455
mA
Notes:
1. ACLR Test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 9.7 dB at 0.01% Prob.
Performance Plots
− TQP7M9106-PCB900
Test conditions unless otherwise noted: VCC=+5 V, Temp=+25°C
17
18
19
20
21
22
0.92
0.93
0.94
0.95
0.96
Frequency (GHz)
Gain vs. Frequency
- 40
°C
+25
°C
+85
°C
-20
-15
-10
-5
0
0.92
0.93
0.94
0.95
0.96
Frequency (GHz)
Input Return Loss vs. Frequency
- 40
°C
+25
°C
+85
°C
-20
-15
-10
-5
0
0.92
0.93
0.94
0.95
0.96
Frequency (GHz)
Output Return Loss vs. Frequency
- 40
°C
+25
°C
+85
°C
-65
-60
-55
-50
-45
17
19
21
23
25
Output Power (dBm)
ACLR vs. Output Power at 940MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 9.7dB @ 0.01% Probability
3.84 MHz BW
Frequency : 940 MHz
- 40
°C
+25
°C
+85
°C
-65
-60
-55
-50
-45
17
19
21
23
25
Output Power (dBm)
ACLR vs. Output Power vs. Frequency
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 9.7dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25
oC
920 MHz
940 MHz
960 MHz
35
40
45
50
55
11
13
15
17
19
21
23
Output Power / Tone(dBm)
OIP3 vs. Output Power at 940MHz
1MHz Tone Spacing
- 40
°C
+25
°C
+85
°C
35
40
45
50
55
11
13
15
17
19
21
23
Output Power / Tone(dBm)
OIP3 vs. Output Power vs. Frequency
1MHz Tone Spacing
Temp.=+25
oC
920 MHz
940 MHz
960 MHz
30
31
32
33
34
35
920
930
940
950
960
Frequency (MHz)
P1dB vs. Frequency
+85
°C
+25
°C
−40°C
400
500
600
700
800
900
1000
15
19
23
27
31
35
Output Power (dBm)
Icc vs. Output Power
Temp.=+25
oC
Frequency : 940 MHz


Similar Part No. - TQP7M9106-PCB900

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP7M9106-PCB900 QORVO-TQP7M9106-PCB900 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
More results

Similar Description - TQP7M9106-PCB900

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_12 Datasheet
857Kb / 11P
   2 Watt High Linearity Amplifier
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com