Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9106 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP7M9106
Description  2 Watt High Linearity Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9106 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP7M9106_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9106_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TQP7M9106
2 Watt High Linearity Amplifier
Datasheet: Rev D 01-24-13
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
24 Pin 4x4 mm QFN Package
Applications
 Repeaters
 BTS Transceivers
 BTS High Power Amplifiers
 CDMA / WCDMA / LTE
 General Purpose Wireless
Product Features
 50−1500 MHz
 +33 dBm P1dB at 940 MHz
 +50 dBm Output IP3 at 940 MHz
 20.8 dB Gain at 940 MHz
 +5V Single Supply, 455 mA Current
 Patented internal RF overdrive protection
 Patented internal DC overvoltage protection
 On chip ESD protection
 Shut-down capability
 Capable of handling 10:1 VSWR at Vcc=+5 V, 0.9
GHz, 33 dBm CW Pout or 23.5 dBm WCDMA Pout
Pin Configuration
Pin No.
Symbol
1
Vbias
4, 5
RFin
14, 15, 16
RFout/Vcc
18
Iref
2, 3, 6-13, 17, 19-24
GND/NC
General Description
The TQP7M9106 is a high linearity, high gain 2W
driver amplifier in industry standard, RoHS compliant,
QFN surface mount package. This InGaP/GaAs HBT
delivers high performance across 0.05 to 1.5 GHz
range of frequencies while achieving 20.8 dB gain, +50
dBm OIP3 and +33 dBm P1dB at 940MHz while only
consuming 455 mA quiescent current. All devices are
100% RF and DC tested.
The TQP7M9106 incorporates patented on-chip circuit
techniques that differentiate it from other products in
the market.
The amplifier integrates an on-chip DC
over-voltage and RF over-drive protection.
This
protects the amplifier from electrical DC voltage surges
and high input RF input power levels that may occur in
a system.
The TQP7M9106 is targeted for use as a driver
amplifier in wireless infrastructure where high linearity,
medium power, and high efficiency are required. The
device is an excellent candidate for transceiver line
cards and high power amplifiers in current and next
generation multi-carrier 3G / 4G base stations.
Ordering Information
Part No.
Description
TQP7M9106
2 W High Linearity Amplifier
TQP7M9106-PCB900 920
−960 MHz Evaluation Board
Standard T/R size = 2500 pieces on a 13
” reel.
Functional Block Diagram
18
Iref
17
GND/NC
RFout/Vcc
16
15
RFout/Vcc
14
RFout/Vcc
13
GND/NC
6
GND/NC
RFin
RFin
GND/NC
GND/NC
Vbias
5
4
3
2
1


Similar Part No. - TQP7M9106_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP7M9106-PCB900 QORVO-TQP7M9106-PCB900 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
More results

Similar Description - TQP7M9106_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_12 Datasheet
857Kb / 11P
   2 Watt High Linearity Amplifier
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com