Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9105 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP7M9105
Description  1W High Linearity Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9105 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQP7M9105 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9105 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TQP7M9105
1W High Linearity Amplifier
Datasheet: Rev D 12-16-14
-
7 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Pin Configuration and Description
Pin No.
Label
Description
1
RF IN
RF Input. Requires external match for optimal performance. External DC
Block required.
2, Backside Paddle
GND
RF/DC ground. Use recommended via pattern to minimize inductance and
thermal resistance. See PCB Mounting Pattern for suggested footprint.
3
RF OUT / Vcc
RF Output. Requires external match for optimal performance. External DC
Block and supply voltage is required.
Evaluation Board PCB Information
TriQuint PCB 1080068 Material and Stack-up
50 ohm line dimensions: width = .031”, spacing = .035”.


Similar Part No. - TQP7M9105

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
TQP7M9105-PCB900 TRIQUINT-TQP7M9105-PCB900 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
More results

Similar Description - TQP7M9105

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
   1W High Linearity Amplifier
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com