Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9103-PCB900 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP7M9103-PCB900
Description  1W High Linearity Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9103-PCB900 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP7M9103-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 11Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 12Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 13Page - TriQuint Semiconductor TQP7M9103-PCB900 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TQP7M9103
1W High Linearity Amplifier
Typical Performance TQP7M9103-PCB2140
Test conditions unless otherwise noted: VC C=
 +5 V, ICQ = 235 mA, Temp. = +25 °C
Parameter
Conditions
Typical Value
Units
Frequency
2110
2140
2170
MHz
Gain
16.7
16.6
16.6
dB
Input Return Loss
11.7
12.0
11.7
dB
Output Return Loss
16.5
16.0
15.2
dB
Output P1dB
+29.5
+29.5
+29.6
dBm
OIP3
Pout
 = +11 dBm / tone, Δf =1 MHz
+45.0
+45.0
+45.0
dBm
WCDMA Channel Power (1)
ACLR
 = −50 dBc
+20
+20
+20
dBm
Noise figure
4.4
4.4
4.6
dB
Notes:
1. 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Prob.
Performance Plots TQP7M9103-PCB2140
Test conditions unless otherwise noted: VC C=
 +5 V, ICQ = 235 mA, Temp. = +25 °C
14
15
16
17
18
19
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Gain vs. Frequency
+85°C
+25°C
−40°C
-25
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Input Return Loss vs. Frequency
+85°C
+25°C
−40°C
-25
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Output Return Loss vs. Frequency
+85°C
+25°C
−40°C
-65
-60
-55
-50
-45
13
14
15
16
17
18
19
20
Output Power (dBm)
ACLR vs Output Power
2170 MHz
2140 MHz
2110 MHz
Temp.=+25°C
-65
-60
-55
-50
-45
13
14
15
16
17
18
19
20
Output Power (dBm)
ACLR vs Output Power
Freq.=2140 MHz
+85°C
+25°C
−40°C
35
40
45
50
55
12
13
14
15
16
17
18
Pout / tone (dBm)
OIP3 vs. Pout / tone
2170 MHz
2140 MHz
2110 MHz
Temp.=+25°C
1 MHz tone spacing
35
40
45
50
55
12
13
14
15
16
17
18
Pout / tone (dBm)
OIP3 vs. Pout / tone
+85°C
+25°C
−40°C
Freq.=2140 MHz
1 MHz tone spacing
27
28
29
30
31
32
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
P1dB vs Frequency
+85°C
+25°C
−40°C
0
100
200
300
400
500
600
22
24
26
28
30
32
Output Power (dBm)
Icc vs. Output Power
Temp.=+25°C
Freq.=2140 MHz
Datasheet: Rev H 12-10-14
- 10 of 16 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP7M9103-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103-PCB900 TRIQUINT-TQP7M9103-PCB900 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103-PCB900 QORVO-TQP7M9103-PCB900 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
More results

Similar Description - TQP7M9103-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
   1W High Linearity Amplifier
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com