Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9102 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TQP7M9102
Description  W High Linearity Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9102 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TQP7M9102_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 11Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 12Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 13Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 14Page - TriQuint Semiconductor TQP7M9102_15 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TQP7M9102
½ W High Linearity Amplifier
Datasheet: Rev. I 12/11/14
- 11 of 20 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots TQ
P7M9102−PCB2140
Test conditions unless otherwise noted: VCC=+5
 V, ICQ=137 mA (typ.), Temp.=+25 °C
15
16
17
18
19
20
2110
2120
2130
2140
2150
2160
2170
Freq (MHz)
Gain vs. Frequency
+85°C
+25°C
−40°C
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Freq (MHz)
Input Return Loss vs. Frequency
+85°C
+25°C
−40°C
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Freq (MHz)
Output Return Loss vs. Frequency
+85°C
+25°C
−40°C
-65
-60
-55
-50
-45
-40
-35
14
15
16
17
18
19
20
Pout (dBm)
ACLR Vs. Output Power
+85
°C
+25
°C
−40°C
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB @ 0.01% Probability
3.84 MHz BW
Freq.= 2140 MHz
38
40
42
44
46
7
9
11
13
15
17
Pout/Tone (dBm)
OIP3 Vs. Pout/Tone
+85
°C
+25
°C
−40°C
Freq.=2140 MHz
1 MHz Tone Spacing
25
26
27
28
29
30
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
P1dB vs. Frequency
−40°C
+25
°C
+85
°C
-65
-60
-55
-50
-45
-40
-35
14
15
16
17
18
19
20
Pout (dBm)
ACLR Vs. Output Power
2170 MHz
2140 MHz
2110 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25°C
30
35
40
45
50
7
9
11
13
15
17
Pout/Tone (dBm)
OIP3 Vs. Pout/Tone
2170 MHz
2140 MHz
2110 MHz
1 MHz Tone Spacing
Temp.=+25°C
19
21
23
25
27
29
2
4
6
8
10
12
Pin (dBm)
Output Power vs. Input Power
Freq.=2140 MHz
−40°C
+25
°C
+85
°C
120
140
160
180
200
220
240
260
12
14
16
18
20
22
24
26
28
Pout (dBm)
Icc vs. Output Power
+85°C
+25°C
−40°C
Frequency = 2140 MHz


Similar Part No. - TQP7M9102_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9102-PCB2140 TRIQUINT-TQP7M9102-PCB2140 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
TQP7M9102-PCB900 TRIQUINT-TQP7M9102-PCB900 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
More results

Similar Description - TQP7M9102_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9101 TRIQUINT-TQP7M9101_15 Datasheet
759Kb / 20P
   W High Linearity Amplifier
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
   쩍 W High Linearity Amplifier
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
   쩍 W High Linearity Amplifier
April 26, 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_15 Datasheet
625Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
AH125-89G TRIQUINT-AH125-89G_15 Datasheet
1Mb / 14P
   W High Linearity InGaP HBT Amplifier
AH114 TRIQUINT-AH114 Datasheet
496Kb / 5P
   W High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
MGA-31816 BOARDCOM-MGA-31816 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com