Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9040 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP3M9040 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 4 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Noise Figure Circles at 1950 MHz
Noise parameter measurements taken at the package pin reference plane. The gate and drain are biased externally through bias-tees. The
achievable NFmin will worsen with on board non-ideal bias circuit.
10.0
5.0
3.0
4.0
-0.2
-0.
4
Graph4
Swp Max
1.951GHz
Swp Min
1.95GHz
p6
p5
p4
p3
p2
p1
NFCIR(5,0.05)
Conj(S(1,1))
p1: Freq = 1.95 GHz
NF = 0.17752 dB
p2: Freq = 1.95 GHz
NF = 0.22752 dB
p3: Freq = 1.95 GHz
NF = 0.27752 dB
p4: Freq = 1.95 GHz
NF = 0.32752 dB
p5: Freq = 1.95 GHz
NF = 0.37752 dB
p6: Freq = 1.95 GHz
NF = 0.42752 dB
S11*
ΓOPT


Similar Part No. - TQP3M9040

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040-PCB QORVO-TQP3M9040-PCB Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
TQP3M9040-PCB QORVO-TQP3M9040-PCB Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
More results

Similar Description - TQP3M9040

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
logo
TriQuint Semiconductor
TQP3M9041 TRIQUINT-TQP3M9041_15 Datasheet
625Kb / 10P
   2300-6000 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9041 QORVO-TQP3M9041 Datasheet
802Kb / 16P
   2300 ??6000 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
   50-1500 MHz Dual LNA
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
   Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
logo
TriQuint Semiconductor
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com