Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP3M9040 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP3M9040_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 2 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
Drain Voltage (Vd)
+7 V
Idd (Vd = 5V), single channel
300 mA
Input Power (CW)
+22 dBm
Input Power (DC off condition)
+22 dBm
Input P0wer (DC off condition &
10% Duty Cycle)
+30 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min Typ Max Units
Vpd
0
+5
V
Vg
0
+0.5
+1
V
Vd
+2
+5
V
Id, single channel
57
80
mA
Operating Temp. Range
−40
+90
°C
Tch (for>106 hrs MTTF)
190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: Vd = +4.35V, Temp.=+25°C, tuned balanced configuration. The Noise Figure is de-
embedded to the input pin of the input hybrid coupler.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
1500
2300
MHz
Test Frequency
1950
MHz
Gain
16.5
17.7
19
dB
Output P1dB
+20.8
dBm
Input IP3
Pin=−13 dBm/tone, Δf=1 MHz
+17
+21.8
dBm
Output IP3
Pout=+5 dBm/tone, Δf=1 MHz
+39.8
dBm
Noise Figure
Balanced Configuration
0.62
1
dB
Drain Voltage, Vd
+4.35
V
Drain Current, Id
Single Channel
35
57
80
mA
Power Down Control Voltage, Vpd
On-State
0
+0.3
V
Off-State
+2.1
Vd
V
Thermal Resistance, θjc
Junction to case - per channel
53
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn