Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP3M9040 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP3M9040_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 1 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
Base Station Receivers
Tower Mount Amplifiers
Balanced Amplifiers
FDD-LTE, TDD-LTE, WCDMA, CDMA, GSM
General Purpose Wireless
16-pin 4x4 mm QFN Package
Ordering Information
Part No.
Description
TQP3M9040
1500−2300 MHz Dual LNA
TQP3M9040-PCB
1700−2000 MHz Evaluation Board
Standard T/R size = 2500 pieces on a 13” reel
Functional Block Diagram
7
8
6
5
14
13
15
16
12
11
10
9
1
2
3
4
GND
GND
RFin2/
Vg2
RFin1/
Vg1
GND
GND
RFout2/
Vd2
RFout1/
Vd1
DC
Bias 1 Vpd1 Ictrl1
NA
DC
Bias 2
Vpd2 Ictrl2
NA
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
Product Features
0.18 dB NFmin (Single Channel) at 1950 MHz
1500−2300 MHz operational bandwidth
Gain = 18 dB at 1950 MHz
+21.8 dBm Input IP3
Integrated shut-down biasing feature
Bias adjustable
Does not require negative voltage supply
4x4 mm 16-pin QFN plastic package
Pin Configuration
Pin No.
Label
1
RFin1/Vg1
4
RFin2/Vg2
12
RFout1/Vd1
9
RFout2/Vd2
2, 3, 10, 11
Ground
16
DC Bias 1
5
DC Bias 2
15
Vpd1
6
Vpd2
14
Ictrl1
7
Ictrl2
Backside Paddle
RF/DC GND
General Description
The TQP3M9040 is a high linearity, ultra low noise figure
dual device amplifier in a 4x4 mm package. At 1950
MHz in a balanced configuration, this LNA provides
17.7dB gain, 21.8 dBm IIP3 and 0.62 dB noise figure.
The part does not require a negative supply for operation
and is bias adjustable for both drain current and voltage.
The device is housed in a green/RoHS-compliant
industry standard QFN package.
The TQP3M9040 consists of a single monolithic GaAs
E-pHEMT die and integrates bias circuitry as well as
shut-down capability allowing the LNA to be useful for
both FDD and TDD applications.
The TQP3M9040 is optimized for the 1500−2300 MHz
band, but can be used outside of the band. TriQuint
offers pin-compatible dual LNAs for the 500−1500 MHz
band (TQP3M9039) and 2.3−4.0 GHz (TQP3M9041).
The balanced amplifier is optimized for high performance
receivers in wireless infrastructure and can be used for
base-station transceivers or tower-mounted amplifiers.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn