Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP3M9040 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part No. TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 8 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Configuration and Description
Pin No.
Label
Description
1
RFin1/Vg1
RF input pin for channel 1. Gate voltage bias pin for channel 1.
2, 3, 10, 11
GND
No internal connection but should be grounded to provide PCB mounting
integrity and isolation between the two RF paths.
4
RFin2/Vg2
RF input pin for channel 2. Gate voltage bias pin for channel 2.
5
DC Bias 2
DC out bias for channel 2
6
Vpd2
Power down control voltage for channel 1
7
Ictrl2
Channel 2 drain current control
8, 13
NA
No internal connection. These pins can be grounded to provide PCB
mounting integrity.
9
RFout2/Vd2 RF output pin for channel 2. Gate voltage bias pin for channel 2.
12
RFout1/Vd1 RF output pin for channel 1. Drain voltage bias pin for channel 1.
14
Ictrl1
Channel 1 drain current control
15
Vpd1
Power down control voltage for channel 1
16
DC Bias 1
DC out bias for channel 1
Backside Paddle
RF/DC GND RF/DC Ground. Follow recommended via pattern and ensure good solder
attach for best thermal and electrical performance.
Evaluation Board PCB Information
TriQuint PCB 1094098 Material and Stack-up
1 oz. Cu bottom layer
Rogers 4003
εr=3.5 typ.
1 oz. Cu top layer
0.020 ± 0.002
Finished Board
Thickness
50 ohm line dimensions: width = .040”, spacing = .020”


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn