Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9040 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 7 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance (Balanced Configuration)
Test conditions unless otherwise noted: Vd = +4.35 V, Id =57 mA, Temp.=+25°C. NF is de-embedded to the input of the input
hybrid coupler.
Parameter
Typical Value
Units
Frequency
1700
1800
1900
1950
2000
MHz
Gain
18.2
18.3
18.1
18
17.6
dB
Noise Figure (Balanced Configuration)
0.50
0.52
0.55
0.57
0.59
dB
Input Return Loss
29
35
45
38
35
dB
Output Return Loss
22
23
27
27
24
dB
Output P1dB
+20.7
+20.7
+20.7
+20.8
+20.8
dBm
IIP3 (Pin/tone=−13 dBm, Δf = 1 MHz)
+20.4
+21.1
+21.6
+21.8
+22
dBm
Performance Plots (Balanced Configuration)
Test conditions unless otherwise noted: Vd = +4.35 V, Id =57 mA, Temp.=+25°C
13
14
15
16
17
18
19
20
1700
1800
1900
2000
Gain vs. Frequency
- 40
°C
+25
°C
+85
°C
-40
-30
-20
-10
0
1700
1800
1900
2000
Input Return Loss vs. Frequency
- 40
°C
+25
°C
+85
°C
-40
-30
-20
-10
0
1700
1800
1900
2000
Output Return Loss vs. Frequency
- 40
°C
+25
°C
+85
°C
0
0.2
0.4
0.6
0.8
1
1.2
1700
1800
1900
2000
Noise Figure (Balanced) vs. Frequency
- 40
°C
+25
°C
+85
°C
Input trace loss de-embedded
10
15
20
25
30
1700
1800
1900
2000
Input IP3 vs. Frequency
−40
°C
+25
°C
+85
°C
Pin=−13 dBm/tone
1 MHz tone spacing
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Idq vs. Vpd
- 40
°C
+25
°C
+85
°C


Similar Part No. - TQP3M9040_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9040-PCB QORVO-TQP3M9040-PCB Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
TQP3M9040-PCB QORVO-TQP3M9040-PCB Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
More results

Similar Description - TQP3M9040_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
logo
TriQuint Semiconductor
TQP3M9041 TRIQUINT-TQP3M9041_15 Datasheet
625Kb / 10P
   2300-6000 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9041 QORVO-TQP3M9041 Datasheet
802Kb / 16P
   2300 ??6000 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
   50-1500 MHz Dual LNA
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
   Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
logo
TriQuint Semiconductor
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com