Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP3M9040 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part No. TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP3M9040_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 5 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
TQP3M9040-PCB Evaluation Board (1700−2000 MHz)
J4
J5
J3
J8
J6
J7
U1
L2
X1
X2
L4
C4
C1
C17
C12
C18
C13
C14
C6
R1
R9
C14
C7
C16
C9
See Evaluation Board PCB Information section for PCB material and stack-up.
Bill of Material – TQP3M9040-PCB
Reference Des.
Value
Description
Manuf.
Part Number
U1
n/a
TQP3M9040
TriQuint
TQP3M9040
X1
n/a
Hybrid Coupler
Anaren
X3C19P1-03S
X2
n/a
Hybrid Coupler
Anaren
C1720J5003A00
R1, R9
330 Ω
RES, 0402, +/-5%, 1/10W
Various
R8, R15
51 Ω
RES, 0402, +/-5%, 1/10W
Various
R6, R14
12 Ω
RES, 0402, +/-5%, 1/10W
Various
R4, R12
2.7K Ω
RES, 0402, +/-5%, 1/10W
Various
R7, R16
6.8 Ω
RES, 0603, +/-5%, 1/8W
Various
R2, R10
0 Ω
RES, 0402, +/-5%, 1/10W
Various
C1, C4
22 pF
CAP, 0402, +/-5%, 50V
Panasonic
ECJ-0EC1H220J
C7, C14
4.7 pF
CAP, 0402, +/-0.25pF, 25V
Panasonic
ECD-G0E4R7C
C21, C22, C11, C19
100 pF
CAP, 0402, +/-5%, 50V
Panasonic
ECJ-0EC1H101J
C9, C16
0.01 uF
CAP, 0805, +/-5%, 50V, X7R
Various
C10, C20
1000 pF
CAP, 0402, +/-10%, 50V
Various
C12, C13, C17, C18
1.5 pF
CAP, 0402, +/-0.05pF, 25V
AVX
04023J1R5ABSTR
L2, L4
1.2 nH
IND, 0402, +/-5%
Coilcraft
0402CS-1N2XJL
L3, L6, L7, L9
47 nH
IND, 0603, +/-5%, 600mA
Coilcraft
0603CS-47NXJL
L8, L10
3.3 nH
IND, 0402, +/-5%
Coilcraft
0402CS-3N3XJL
C3, C6, C8, C15
DNP
Notes:
1. R2 and R10 may be replaced with metal trace in target applications


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn