Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP3M9040 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part No. TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP3M9040_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 4 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Noise Figure Circles at 1950 MHz
Noise parameter measurements taken at the package pin reference plane. The gate and drain are biased externally through bias-tees. The
achievable NFmin will worsen with on board non-ideal bias circuit.
10.0
5.0
3.0
4.0
-0.2
-0.
4
Graph4
Swp Max
1.951GHz
Swp Min
1.95GHz
p6
p5
p4
p3
p2
p1
NFCIR(5,0.05)
Conj(S(1,1))
p1: Freq = 1.95 GHz
NF = 0.17752 dB
p2: Freq = 1.95 GHz
NF = 0.22752 dB
p3: Freq = 1.95 GHz
NF = 0.27752 dB
p4: Freq = 1.95 GHz
NF = 0.32752 dB
p5: Freq = 1.95 GHz
NF = 0.37752 dB
p6: Freq = 1.95 GHz
NF = 0.42752 dB
S11*
ΓOPT


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn