Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP3M9040 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part No. TQP3M9040
Description  1500-2300 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9040 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP3M9040_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9040_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TQP3M9040
1500 – 2300 MHz Dual LNA
Datasheet: Rev. E 05-07-13
- 3 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
De-embedded S-parameters Data
Test conditions unless otherwise noted: VDD=+4.35 V, IDD=57 mA, Temp=+25°C, 50 Ohm system
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
10
-0.06
-1.54
31.57
-179.44
-66.37
83.33
-3.51
4.81
50
-0.29
-6.03
31.96
173.07
-55.58
60.63
-1.81
6.07
100
-0.54
-10.52
31.75
163.19
-52.22
60.85
-1.40
2.06
200
-1.20
-18.48
30.96
146.67
-48.40
65.09
-1.30
-2.46
400
-2.75
-28.17
28.63
123.87
-44.23
71.99
-1.41
-7.65
600
-4.00
-33.27
26.48
108.90
-40.96
74.11
-1.50
-11.81
800
-4.97
-36.69
24.67
97.89
-38.73
73.40
-1.58
-15.86
1000
-5.66
-39.84
23.17
88.95
-36.90
72.99
-1.65
-19.77
1200
-6.26
-43.11
21.91
81.07
-35.10
71.78
-1.72
-24.00
1400
-6.73
-46.60
20.83
73.94
-33.77
71.46
-1.78
-28.18
1500
-7.00
-48.53
20.36
70.54
-33.12
70.85
-1.83
-30.34
1600
-7.22
-51.02
19.93
67.11
-32.39
70.12
-1.87
-32.67
1700
-7.42
-53.20
19.51
63.77
-31.85
68.31
-1.91
-35.05
1800
-7.68
-55.26
19.13
60.52
-31.21
68.18
-1.96
-37.41
1900
-7.96
-58.41
18.78
57.12
-30.72
66.19
-2.03
-39.91
2000
-8.16
-61.55
18.46
53.65
-30.18
65.67
-2.10
-42.66
2100
-8.43
-63.59
18.14
50.00
-29.70
62.89
-2.19
-45.82
2200
-9.10
-62.94
17.68
45.15
-29.92
59.30
-2.55
-48.37
2300
-8.21
-65.53
17.13
44.91
-29.23
67.17
-2.30
-47.99
2500
-8.55
-74.25
16.81
38.63
-27.89
62.25
-2.28
-55.40
2600
-8.70
-77.77
16.55
35.49
-27.43
60.71
-2.36
-58.21
2800
-8.80
-84.55
16.07
29.20
-26.59
57.67
-2.38
-64.26
3000
-9.09
-90.73
15.61
22.82
-25.75
54.52
-2.47
-70.55
3200
-9.00
-93.85
15.06
16.95
-25.21
50.82
-2.58
-76.51
3500
-8.97
-105.77
14.61
8.21
-23.79
47.35
-2.55
-85.55
Noise Parameters
Test conditions unless otherwise noted: VDD=+4.35 V, IDD=57 mA, Temp=+25°C, 50 Ohm system
Freq (GHz)
NFmin (dB)
ΓOpt (mag)
ΓOpt (deg)
Rn (Ω)
1.5
0.23
0.28
30.22
0.07
1.6
0.16
0.28
52.28
0.05
1.7
0.20
0.25
60.52
0.05
1.75
0.17
0.23
53.55
0.05
1.8
0.14
0.23
58.35
0.05
1.9
0.19
0.15
61.50
0.05
1.95
0.18
0.20
64.85
0.05
2
0.19
0.14
59.80
0.05
2.1
0.20
0.18
68.75
0.05
2.2
0.29
0.15
46.53
0.07
2.3
0.29
0.13
60.65
0.06
2.35
0.29
0.10
87.88
0.06
2.4
0.32
0.07
114.56
0.05
2.5
0.44
0.02
-95.07
0.07
2.6
0.37
0.08
128.24
0.05
2.7
0.41
0.08
165.35
0.05


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn