Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9039 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP3M9039
Description  50-1500 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9039 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP3M9039 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9039 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TQP3M9039
50 –1500 MHz Dual LNA
Datasheet: Rev F 06-05-13
- 5 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
TQP3M9039-PCB Evaluation Board (700−1000 MHz)
J4
J5
J3
J8
J6
J7
U1
L2
X1
X2
L4
C4
C1
C17
C12
C18
C13
C14
C6
R1
R9
C14
C7
C16
C9
See Evaluation Board PCB Information section for PCB material and stack-up.
Bill of Material – TQP3M9039-PCB
Reference Des.
Value
Description
Manuf.
Part Number
U1
n/a
Dual LNA
TriQuint
TQP3M9039
X1
n/a
Hybrid coupler
Anaren
X3C09P1-03S
X2
n/a
Hybrid coupler
Anaren
C0810J5003AHF
R1, R9
330 Ω
RES, 0402, +/-5%, 1/10W
Various
R8, R15
51 Ω
RES, 0402, +/-5%, 1/10W
Various
R6, R14
10 Ω
RES, 0402, +/-5%, 1/10W
Various
R4, R12
3K Ω
RES, 0402, +/-5%, 1/10W
Various
R7, R16
2.2 Ω
RES, 0603, +/-5%, 1/8W
Various
R2, R10
0 Ω
RES, 0402, +/-5%, 1/10W
Various
C1, C4
47 pF
CAP, 0402, +/-5%, 50V
Panasonic
ECJ-0EC1H470J
C3, C6
1.2 pF
CAP, 0402, +/-0.1pF, 25V
Panasonic
ECD-G0E1R2B
C7, C14
1.8 pF
CAP, 0402, +/-0.1pF, 50V
AVX
04025U1R8BAT2A
C8, C15, C21, C22, C11, C19
100 pF
CAP, 0402, +/-5%, 50V
Panasonic
ECJ-0EC1H101J
C9, C16
0.01 uF
CAP, 0805, +/-5%, 50V, X7R
Various
C10, C20
1000 pF
CAP, 0402, +/-10%, 50V
Various
C12, C13, C17, C18
2.2 pF
CAP, 0402, +/-0.1pF, 50V
AVX
04025U2R2BAT2A
L2, L4
6.8 nH
IND, 0402, +/-5%
Coilcraft
0402CS-6N8XJL
L3, L6
220 nH
IND, 0603, +/-5%
Coilcraft
0603CS-R22XJL
L7, L9
47 nH
IND, 0603, +/-5%, 600mA
Coilcraft
0603CS-47NXJL
L8, L10
10 nH
IND, 0402, +/-5%
Coilcraft
0402CS-10NXJL
Notes:
1. R2 and R10 may be replaced with metal trace in target applications


Similar Part No. - TQP3M9039

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
523Kb / 11P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9035 QORVO-TQP3M9035 Datasheet
834Kb / 13P
   High Linearity LNA Gain Block
logo
TriQuint Semiconductor
TQP3M9035-PCB TRIQUINT-TQP3M9035-PCB Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035-PCB TRIQUINT-TQP3M9035-PCB Datasheet
523Kb / 11P
   High-Linearity LNA Gain Block
More results

Similar Description - TQP3M9039

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
   1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
logo
TriQuint Semiconductor
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
logo
Mini-Circuits
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
   Directional Coupler 50廓 50 to 1500 MHz
logo
TriQuint Semiconductor
TQP3M9041 TRIQUINT-TQP3M9041_15 Datasheet
625Kb / 10P
   2300-6000 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9041 QORVO-TQP3M9041 Datasheet
802Kb / 16P
   2300 ??6000 MHz Dual LNA
logo
Tyco Electronics
TPX-75-4 MACOM-TPX-75-4 Datasheet
99Kb / 1P
   50/75-Ohm Transformer 10 - 1500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com