Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9037 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP3M9037
Description  Ultra Low Noise, High Linearity LNA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9037 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP3M9037_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9037_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TQP3M9037
Ultra Low Noise, High Linearity LNA
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Supply Voltage (VDD)
3.3
5.0
5.25
V
TCASE
−40
+85
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
Supply Voltage (VDD)
+7 V
RF Input Power, CW, 50Ω, T=25°C
+22 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VDD =+5V, Temp=+25°C,
50 Ω system.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
700
6000
MHz
Test Frequency
1950
MHz
Gain
18.5
20.0
21.5
dB
Input Return Loss
10
dB
Output Return Loss
11
dB
Noise Figure
0.40
0.65
dB
Output P1dB
+20
dBm
Output IP3
Pout=+5
dBm/tone, Δf=1 MHz
+32
+35
dBm
Power Shutdown Control (VPD)1
On state
0
0.4
V
Off state (Power down)
2.5
3.3
VDD
V
Current, IDD
On state
40
70
90
mA
Off state (Power down)
3
4
mA
Shutdown pin current, ISD
VPD
≥ 2.5 V
140
µA
Thermal Resistance, θjc
channel to case
53.4
°C/W
Notes:
1. This voltage is referred to the turret labelled PD on the TriQuint EVB as shown on pg. 4.
Datasheet: Rev M 12-18-14
- 2 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP3M9037_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9037-PCB QORVO-TQP3M9037-PCB Datasheet
854Kb / 16P
   Ultra Low-Noise, High Linearity LNA
More results

Similar Description - TQP3M9037_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
TQP3M9037 QORVO-TQP3M9037 Datasheet
854Kb / 16P
   Ultra Low-Noise, High Linearity LNA
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
TriQuint Semiconductor
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com