Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9028-PCB_RF Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP3M9028-PCB_RF
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9028-PCB_RF Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP3M9028-PCB_RF Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9028-PCB_RF Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQP3M9028
High Linearity LNA Gain Block
Datasheet: Rev F 04-23-14
- 2 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Supply Voltage (VDD)
4.75
5.0
5.25
V
TCASE
−40
+85
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended
operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
RF Input Power, CW, 50Ω, T=25°C
+23 dBm
Supply Voltage (VDD)
+7 V
Reverse Supply Voltage
-0.3 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VDD =+5V, Temp= +25°C, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
50
4000
MHz
Test Frequency
1900
MHz
Gain
13
14.5
16
dB
Input Return Loss
18
dB
Output Return Loss
19
dB
Output P1dB
+20.7
dBm
Output IP3
Pout = +4 dBm/tone, ∆f = 1 MHz
+36
+40
dBm
Noise Figure
1.8
dB
Current, IDD
85
100
mA
Thermal Resistance, θjc
Junction to backside paddle
36.6
°C/W


Similar Part No. - TQP3M9028-PCB_RF

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9028-PCB_RF QORVO-TQP3M9028-PCB_RF Datasheet
748Kb / 12P
   High Linearity LNA Gain Block
February 3, 2022
More results

Similar Description - TQP3M9028-PCB_RF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com