Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9035 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP3M9035
Description  High-Linearity LNA Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9035 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP3M9035_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP3M9035_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TQP3M9035
High-Linearity LNA Gain Block
Datasheet: Rev I 12-05-14
-
8 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
50-500 MHz IF Reference Design
TQP3M9035 performance may be optimized for IF operation below 500 MHz by making suitable adjustments to the
value of the bias inductor L1 and the DC blocking capacitors C1 and C2. When using the TriQuint evaluation board be
sure to match the value of C5 and C6 to that of C1 and C2 for accurate loss de-embedding.
Typical Performance – 50-500 MHz
Test conditions unless otherwise noted: L1=82 nH, C1-C2, C5-C6=1000 pF, VDD=+5V, IDD=115 mA (typ.), Temp=+25°C
Parameter
Conditions
Typical Value
Units
Frequency
50
100
200
500
MHz
Gain
28.8
28.3
27.7
25.4
dB
Input Return Loss
8
12.5
15.2
15.4
dB
Output Return Loss
16.7
16.8
15.9
14.5
dB
Output P1dB
+17.7
+21.3
+23
+23.1
dBm
Output IP3
Pout= +5 dBm/tone, Δf=1 MHz
+32.9
+40.3
+38.8
+38.9
dBm
Noise figure (1)
0.64
0.52
0.56
0.56
dB
Notes:
1. Noise figure data shown in the table above is de-embedded from the eval board loss.
Performance Plots – 50-500 MHz
Test conditions unless otherwise noted: : L1=82 nH, C1-C2, C5-C6=1000 pF, VDD=+5V, IDD=115 mA (typ.), Temp=+25°C
 
25
26
27
28
29
30
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
Gain vs. Frequency
 
-20
-15
-10
-5
0
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
Return Loss vs. Frequency
Input Return Loss
Output Return Loss
25
30
35
40
45
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
OIP3 vs. Frequency
Temp.=+25°C
Pout = 5dBm/tone
1MHz tone spacing
15
17
19
21
23
25
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
P1dB vs. Frequency
Temp.=+25°C
0
0.2
0.4
0.6
0.8
1
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
Noise Figure vs. Frequency
Temp.=+25°C


Similar Part No. - TQP3M9035_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9035-PCB TRIQUINT-TQP3M9035-PCB Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9035-PCB QORVO-TQP3M9035-PCB Datasheet
834Kb / 13P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9035_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com