Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9028 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP3M9028
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9028 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP3M9028_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9028_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TQP3M9028
High Linearity LNA Gain Block
Datasheet: Rev F 04-23-14
- 1 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
Repeaters
Mobile Infrastructure
Defense / Aerospace
LTE / WCDMA / CDMA
General Purpose Wireless
IF Amplifier, RF Driver Amplifier
SOT-89 Package
Functional Block Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
Ordering Information
Part No.
Description
TQP3M9028
High Linearity LNA Gain Block
TQP3M9028-PCB_IF 50-500 MHz Evaluation Board
TQP3M9028-PCB_RF 0.5-4 GHz Evaluation Board
Standard T/R size = 1000 pieces on a 7” reel
Pin Configuration
Pin No.
Label
1
RF In
3
RF Out / DC Bias
2, 4
Ground
General Description
The TQP3M9028 is a cascadable, high linearity gain
block amplifier in a low-cost surface-mount package. At
1.9 GHz, the amplifier typically provides 14.7 dB gain,
+40 dBm OIP3, and 1.8 dB Noise Figure while only
drawing 85 mA current. The device is housed in a
leadfree/green/RoHS-compliant industry-standard SOT-
89 package.
The TQP3M9028 has the benefit of having excellent
gain flatness across a broad range of frequencies. The
low noise figure and high linearity performance allows
the device to be used in both receiver and transmitter
chains for high performance systems. The amplifier is
internally matched using a high performance E-pHEMT
process and only requires an external RF choke and
blocking/bypass capacitors for operation from a single
+5V supply. The internal active bias circuit also enables
stable operation over bias and temperature variations.
The TQP3M9028 covers the 50-4000 MHz frequency
band and is targeted for wireless infrastructure or other
applications requiring high linearity and/or low noise
figure.
Product Features
50-4000 MHz
Flat gain (14.7 ± 0.3 dB) from 0.5 – 3.5 GHz
+40 dBm Output IP3
1.8 dB Noise Figure @ 1900 MHz
No RF components needed; 50 Ohm Gain Block
Unconditionally Stable
+5V Single Supply, 85 mA Current
SOT-89 Package


Similar Part No. - TQP3M9028_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9028-PCB_IF QORVO-TQP3M9028-PCB_IF Datasheet
748Kb / 12P
   High Linearity LNA Gain Block
February 3, 2022
TQP3M9028-PCB_RF QORVO-TQP3M9028-PCB_RF Datasheet
748Kb / 12P
   High Linearity LNA Gain Block
February 3, 2022
More results

Similar Description - TQP3M9028_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com