Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9018-PCB_RF Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP3M9018-PCB_RF
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9018-PCB_RF Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQP3M9018-PCB_RF Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9018-PCB_RF Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TQP3M9018
High Linearity LNA Gain Block
Datasheet: Rev. L 9/5/13
- 7 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance − TQP3M9018-PCB_IF
Test conditions unless otherwise noted:
VDD=+5V, IDD=85 mA typ., Temp= +25°C
Parameter
Conditions
Typical Values
Units
Frequency
70
100
200
500
MHz
Gain
23.2
23.2
22.9
22.3
dB
Input Return Loss
10
11
11
11
dB
Output Return Loss
9
9
10
10
dB
Output P1dB
+19.8
+20.2
+19.9
+19.9
dBm
OIP3
Pout = +3 dBm/tone, ∆f=1 MHz
+37
+37
+37
+37
dBm
Noise figure
1.2
1.1
0.8
1.1
dB
Performance Plots − TQP3M9018-PCB_IF
Test conditions unless otherwise noted:
VDD=+5V, Temp.= +25°C
16
18
20
22
24
26
0
100
200
300
400
500
Frequency (MHz)
Gain vs. Frequency over Temp
+85°C
+25°C
- 20°C
- 40°C
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
S11 vs. Frequency over Temp
+85°C
+25°C
- 20°C
- 40°C
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
S22 vs. Frequency over Temp
+85°C
+25°C
- 20°C
- 40°C
0
1
2
3
4
0
100
200
300
400
500
Frequency (MHz)
Noise Figure vs. Frequency over Temp
+85°C
+25°C
- 40°C
25
30
35
40
45
0
100
200
300
400
500
Frequency (MHz)
OIP3 vs. Frequency over Temp
+85°C
+25°C
- 40°C
14
16
18
20
22
0
100
200
300
400
500
Frequency (MHz)
P1dB vs. Frequency over Temp
+85°C
+25°C
- 40°C


Similar Part No. - TQP3M9018-PCB_RF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9018-PCB_RF TRIQUINT-TQP3M9018-PCB_RF Datasheet
533Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9018-PCB_RF QORVO-TQP3M9018-PCB_RF Datasheet
729Kb / 12P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9018-PCB_RF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com