Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9009-PCB_IF Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP3M9009-PCB_IF
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9009-PCB_IF Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP3M9009-PCB_IF Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9009-PCB_IF Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TQP3M9009
High Linearity LNA Gain Block
Datasheet Rev. H 07-29-14
- 3 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
S-Parameters
Test Conditions: VDD=+5 V, IDD=125 mA, T=+25
 °C, 50 Ω system, calibrated to device leads
Freq (MHz) S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
−16.66
−149.04
27.36
171.55
−29.65
1.22
−13.56
179.33
100
−14.86
−157.51
27.12
166.00
−29.37
−1.50
−13.09
174.97
200
−13.56
−165.34
26.70
156.36
−29.26
−5.67
−12.78
159.12
400
−12.51
−173.30
26.14
137.87
−29.42
−14.20
−13.06
133.47
600
−11.37
178.88
25.53
119.50
−29.63
−21.58
−13.69
110.30
800
−10.40
169.81
24.85
102.41
−30.03
−28.26
−14.46
86.04
1000
−9.76
160.89
24.16
86.01
−30.28
−35.35
−15.64
62.04
1200
−9.31
150.48
23.40
70.36
−30.96
−40.26
−16.58
37.31
1400
−8.84
139.39
22.82
55.48
−31.05
−46.78
−17.14
11.49
1600
−8.51
128.52
22.31
41.20
−31.76
−51.29
−17.34
−12.33
1800
−8.33
116.42
21.66
27.52
−2.00
−58.53
−17.04
−33.75
2000
−8.16
104.69
21.23
13.67
−32.50
−63.59
−16.80
−57.05
2200
−8.01
92.36
20.82
0.68
−33.07
−66.83
−16.28
−76.12
2400
−8.06
79.88
20.33
−13.12
−33.72
−72.40
−15.48
−95.17
2600
−8.13
66.42
20.02
−26.88
−34.02
−77.18
−14.43
−113.34
2800
−8.14
51.54
19.74
−41.54
−34.42
−81.16
−13.66
−128.34
3000
−8.00
35.02
19.52
−55.82
−35.18
−86.54
−12.61
−142.44
3200
−8.13
17.50
19.28
−71.00
−36.25
−88.92
−11.99
−157.55
3400
−7.86
−3.63
19.10
−87.06
−36.83
−94.66
−11.31
−167.91
3600
−7.65
−26.69
18.91
−103.86
−37.20
−96.43
−10.62
−179.13
3800
−7.20
−52.39
18.59
−121.75
−38.27
−102.65
−10.05
170.24
4000
−6.39
−79.22
18.17
−140.35
−39.25
−102.05
−9.83
159.78


Similar Part No. - TQP3M9009-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9009-PCB_IF TRIQUINT-TQP3M9009-PCB_IF Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009-PCB_IF QORVO-TQP3M9009-PCB_IF Datasheet
779Kb / 12P
   High Linearity LNA Gain Block
TQP3M9009-PCB_IF QORVO-TQP3M9009-PCB_IF Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
More results

Similar Description - TQP3M9009-PCB_IF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com