Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

50-00149 Datasheet(PDF) 1 Page - Tensility International Corp.

Part No. 50-00149
Description  Connector, dc jack, 5.5x2.5xL19.8 mm, panel mount, threaded, nut and washer, brass, nickel
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TENSILITY [Tensility International Corp.]
Homepage  http://www.tensility.com
Logo 

50-00149 Datasheet(HTML) 1 Page - Tensility International Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
July 22, 2010
A
50-00149
Connector, dc jack, 5.5x2.5xL19.8 mm, panel
mount, threaded, nut and washer, brass,
nickel
Materials:
1
brass, nickel-plated
2
brass, nickel-plated
4
POM, black
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn