Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFL-007898-CD0AC0 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-007898-CD0AC0
Description  CATV Diplex Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-007898-CD0AC0 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFL-007898-CD0AC0_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-007898-CD0AC0_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-007898-CD0AC0_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-007898-CD0AC0_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CATV Diplex Filter
50 - 870 / 975 - 1525 / 2000 - 3000MHz
MAFL-007898-CD0AC0
V1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
75 Ohm
SMT unit
RoHS* Compliant
Description
M/A-COM’s MAFL-007898-CD0AC0 is a sur-
face mount diplex filter unit designed for MoCA
applications.
Functional Schematic
Pin Configuration
Function
Pin Number
Common Port
2
High Pass Port
10
Ground
1, 3, 5 - 9
Not connected
-
Low Pass Port
4
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
RF Power
250mW
DC Current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAFL-007898-CD0AC0_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFL-007898-CD0AC0 MACOM-MAFL-007898-CD0AC0 Datasheet
90Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
logo
M/A-COM Technology Solu...
MAFL-007898-CD0AC0 MA-COM-MAFL-007898-CD0AC0 Datasheet
82Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
MAFL-007898-CD0AC0 MA-COM-MAFL-007898-CD0AC0 Datasheet
82Kb / 4P
   CATV Diplex Filter
More results

Similar Description - MAFL-007898-CD0AC0_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-009217-CD0AC0 MA-COM-MAFL-009217-CD0AC0 Datasheet
110Kb / 5P
   CATV Diplex Filter
DS-MAFL-011015_V1 MA-COM-DS-MAFL-011015_V1 Datasheet
716Kb / 4P
   CATV Diplex Filter
MAFL-008098-CD0550-V3 MA-COM-MAFL-008098-CD0550-V3 Datasheet
286Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10_15 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-007988-CD0550 MA-COM-MAFL-007988-CD0550_15 Datasheet
115Kb / 3P
   CATV Diplex Filter
MAFL-008195-CD0AC0 MA-COM-MAFL-008195-CD0AC0_15 Datasheet
107Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550_15 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
77Kb / 3P
   CATV Diplex Filter
MAFL-009272-CD0AC0-V5 MA-COM-MAFL-009272-CD0AC0-V5 Datasheet
508Kb / 4P
   CATV Diplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com