Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM963001-PCB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQM963001-PCB
Description  BC14 / B25 BAW Duplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM963001-PCB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQM963001-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQM963001-PCB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TQM963001
BC14 / B25 BAW Duplexer
Datasheet: Rev. D 05-19-14
- 1 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
 CDMA / LTE handsets
 Data card
 Mobile router
 Extension PCS Band Class 14
 LTE Band 25
Product Features
 Excellent triple beat performance: −88 dBc
 Highly selective BAW duplexer achieving low
insertion loss over full bandwidth and operating
conditions.
 Downlink isolation of 50 dB minimum & GPS
rejection of >40 dB eliminating the need for a
transmit filter
 Single-Ended (SE) 50 Ohm Downlink & Uplink Ports
 Performance −30 to +85 °C
 RoHS compliant, Pb-free module package
General Description
The TQM963001 is a high-performance Bulk Acoustic
Wave (BAW) duplexer designed to meet the strict CDMA
requirements in the PCS extension band BC14 and
provide excellent insertion loss, cross isolation and
linearity for LTE B25.
TQM963001 is specifically designed to meet the high
performance expectations of insertion loss, isolation and
triple beat for CDMA systems over the extended
bandwidth of BC14 applications under all operating
conditions. Exceptional downlink isolation and GPS
rejection performance eliminates the need for an uplink
SAW filter.
The TQM963001 uses common module packaging
techniques to achieve the industry standard 2.6 x 2.1 x
0.9 mm footprint. This duplexer exhibits excellent power
handling capabilities.
8 Pin 2.6 x 2.1 mm Package
Pin Configuration
Pin #
Symbol
1
DL (Downlink)
3
UL (Uplink)
6
Ant (Antenna)
8
GND (Optional)
2, 4, 5, 7, Center Pad
GND
Ordering Information
Part No.
Description
TQM963001
BC14 / B25 BAW Duplexer
TQM963001-PCB
Evaluation Board
Standard T/R size = 2500 pieces on a 7” reel.
Functional Block Diagram
Top View


Similar Part No. - TQM963001-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
logo
Qorvo, Inc
TQM963014 QORVO-TQM963014 Datasheet
772Kb / 10P
   BC14/BC1/B25 BAW Duplexer
logo
TriQuint Semiconductor
TQM963014-EVB TRIQUINT-TQM963014-EVB Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014-EVB TRIQUINT-TQM963014-EVB Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
More results

Similar Description - TQM963001-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM963014 TRIQUINT-TQM963014_15 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
logo
Qorvo, Inc
TQM963014 QORVO-TQM963014 Datasheet
772Kb / 10P
   BC14/BC1/B25 BAW Duplexer
logo
TriQuint Semiconductor
TQM966025 TRIQUINT-TQM966025 Datasheet
89Kb / 1P
   B25 BAW Diversity Rx Filter
logo
Qorvo, Inc
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
   Band 7 BAW Duplexer
logo
TriQuint Semiconductor
TQM966002 TRIQUINT-TQM966002_15 Datasheet
119Kb / 1P
   BC1/B2 BAW Duplexer
TQM966002 TRIQUINT-TQM966002 Datasheet
100Kb / 1P
   BC1/B2 BAW Duplexer
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
   Band 1 BAW Duplexer
logo
Transko Electronics, In...
TD-188001-C43 TRANSKO-TD-188001-C43 Datasheet
762Kb / 9P
   BAW DUPLEXER For Band2
Revision 2: December 2013
logo
Qorvo, Inc
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
   Band 30 BAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com