Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM963001 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQM963001
Description  BC14 / B25 BAW Duplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM963001 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQM963001_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM963001_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TQM963001
BC14 / B25 BAW Duplexer
Datasheet: Rev. D 05-19-14
- 5 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Downlink Performance Plots - TQM963001-PCB Temp=25°C
1800
1850
1900
1950
2000
2050
2100
Frequency (MHz)
Downlink Antenna Narrowband Response
-70
-60
-50
-40
-30
-20
-10
0
1920
1940
1960
1980
2000
2020
Frequency (MHz)
Downlink Antenna Pass Band
-5
-4
-3
-2
-1
0
0
1000
2000
3000
4000
5000
6000
7000
8000
Frequency (MHz)
Downlink Antenna Wideband Response
-70
-60
-50
-40
-30
-20
-10
0
1920
1940
1960
1980
2000
2020
Frequency (MHz)
Downlink Return Loss
-25
-20
-15
-10
-5
0
10.0
5.0
3.0
4.0
-0.2
-0.4
Downlink Impedance in Downlnk Band
Swp Max
1995MHz
Swp Min
1930MHz
10.0
5.0
3.0
4.0
-0.2
-0
.4
Antenna Impedance in Downlink Band
Swp Max
1995MHz
Swp Min
1930MHz


Similar Part No. - TQM963001_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
logo
Qorvo, Inc
TQM963014 QORVO-TQM963014 Datasheet
772Kb / 10P
   BC14/BC1/B25 BAW Duplexer
logo
TriQuint Semiconductor
TQM963014-EVB TRIQUINT-TQM963014-EVB Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014-EVB TRIQUINT-TQM963014-EVB Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
More results

Similar Description - TQM963001_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM963014 TRIQUINT-TQM963014_15 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
TQM963014 TRIQUINT-TQM963014 Datasheet
105Kb / 1P
   BC14/B25 BAW Duplexer
logo
Qorvo, Inc
TQM963014 QORVO-TQM963014 Datasheet
772Kb / 10P
   BC14/BC1/B25 BAW Duplexer
logo
TriQuint Semiconductor
TQM966025 TRIQUINT-TQM966025 Datasheet
89Kb / 1P
   B25 BAW Diversity Rx Filter
logo
Qorvo, Inc
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
   Band 7 BAW Duplexer
logo
TriQuint Semiconductor
TQM966002 TRIQUINT-TQM966002_15 Datasheet
119Kb / 1P
   BC1/B2 BAW Duplexer
TQM966002 TRIQUINT-TQM966002 Datasheet
100Kb / 1P
   BC1/B2 BAW Duplexer
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
   Band 1 BAW Duplexer
logo
Transko Electronics, In...
TD-188001-C43 TRANSKO-TD-188001-C43 Datasheet
762Kb / 9P
   BAW DUPLEXER For Band2
Revision 2: December 2013
logo
Qorvo, Inc
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
   Band 30 BAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com