Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N36801M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N36801M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 1M (3-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N36801M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N36801M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N36801M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Singlemode 8.3/125 Fiber Patch Cable
(LC/ST), 1M (3-ft.)
MODEL NUMBER: N368-01M
Description
Tripp Lite's 1-meter ( 3ft ), singlemode duplex fiber optic LC/ST patch cable is manufactured from 8.3/125
zipcord fiber. The cable has LC connectors on one end, ST connectors on the other, a PVC jacket, and is FDDI
and OFNR rated. Duplex singlemode fiber is most commonly used in LAN applications.
Features
Manufactured from 8.3/125 duplex (zipcord) fiber
PVC jacket
Length: 1-meter ( 3ft ). Connectors: 2 LC and 2 ST connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
8.3/125
Cable Type
Singlemode
INPUT
Cable Length (ft.)
3
Highlights
Premium PVC 8.3/125 micron
singlemode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
Twice the bandwidth throughput
of multimode cable
Applications
Networking equipment that
requires singlemode fiber optic
patch cables
System Requirements
Any fiber optic hardware or NIC
card requiring singlemode duplex
cable with LC/ST connectors
Package Includes
1-meter ( 3ft ) Duplex
Singlemode Fiber Patch Cable,
LC/ST
1 / 2


Similar Part No. - N36801M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N36802M TRIPPLITE-N36802M Datasheet
477Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 2M (6-ft.)
N36803M TRIPPLITE-N36803M Datasheet
482Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 3M (10-ft.)
N36805M TRIPPLITE-N36805M Datasheet
481Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 5M (16-ft.)
N36805MP TRIPPLITE-N36805MP Datasheet
481Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Plenum Rated Patch Cable (LC-ST), 5M (16-ft.)
N36807M TRIPPLITE-N36807M Datasheet
482Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 7M (23-ft.)
More results

Similar Description - N36801M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N368-01M TRIPPLITE-N368-01M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/ST), 1M (3-ft.)
N35201M TRIPPLITE-N35201M Datasheet
480Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 1M (3-ft.)
N37001M TRIPPLITE-N37001M Datasheet
476Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
N370-01M TRIPPLITE-N370-01M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N352-01M TRIPPLITE-N352-01M Datasheet
160Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (ST/ST), 1M (3-ft.)
N354-01M TRIPPLITE-N354-01M Datasheet
159Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/ST), 1M (3-ft.)
N36601M TRIPPLITE-N36601M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 1M (3-ft.)
N366-01M TRIPPLITE-N366-01M Datasheet
164Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
N35401M TRIPPLITE-N35401M Datasheet
484Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 1M (3-ft.)
N36807M TRIPPLITE-N36807M Datasheet
482Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 7M (23-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com