Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W670 Datasheet(PDF) 4 Page - Lumins Inc.

Part # W670
Description  Cast aluminum top removable sealed cover.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W670 Datasheet(HTML) 4 Page - Lumins Inc.

  W670 Datasheet HTML 1Page - Lumins Inc. W670 Datasheet HTML 2Page - Lumins Inc. W670 Datasheet HTML 3Page - Lumins Inc. W670 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
W670
ECLIPSE - HID
Power feed
43.75”
(1112)
Power feed
17”
(432)
4
WALL MOUNT
ACW
1” X 3” (25X76) extruded aluminum
extended arm wall mounting adaptor with
cast aluminum covers and galvanized steel
mounting plates. 1/2” dia. X 45º standard
natural stainless steel rod support.
EC3W
Set of (2) 1” X 3” (25X76) extruded aluminum
wall mount arms with cast aluminum wall plate.
Designed for luminaires with or less shades.
28”
(711)
Mounting
Mounting
4.625”
(118)
3”
(76)
17.75”
(451)
Power feed
3”
(76)
4.625”
(118)
Power feed
6.125”
(156)
43.75”
(1112)


Similar Part No. - W670

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-A1Q1-20 MACOM-W67-A1Q1-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
W67-A1Q3-20 MACOM-W67-A1Q3-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
W67-A1Q5-20 MACOM-W67-A1Q5-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
W67-A1S1-20 MACOM-W67-A1S1-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
W67-A1S3-20 MACOM-W67-A1S3-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
More results

Similar Description - W670

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
PR1201 LUMINIS-PR1201_16 Datasheet
679Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1702 LUMINIS-TR1702 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1701 LUMINIS-TR1701 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR2401 LUMINIS-TR2401 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
SY300 LUMINIS-SY300 Datasheet
397Kb / 2P
   Cast aluminum top cover.
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
   Cast aluminum top cover.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
   Cast aluminum ventilated top cover.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
   Cast aluminum ventilated top cover
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
   Cast aluminum ventilated top cover.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com