Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM879006A Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQM879006A
Description  1.4 ??.7 GHz W Digital Variable Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879006A Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQM879006A_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TQM879006A
1.4 −2.7 GHz ¼ W Digital Variable Amplifier
Datasheet: Rev R 11-15-13
- 1 of 11 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
3G / 4G Wireless Infrastructure
CDMA, TD-CDMA, WCDMA, LTE
Repeaters
PTP Radio IF Chains
28-pin 6x6mm leadless SMT package
Ordering Information
Part No.
Description
TQM879006A
1.4−2.7 GHz Digital Variable Gain Amp
TQM879006A-PCB
Fully Assembled Evaluation Board
Includes USB control board (EVH)
Standard T/R size = 2500 pieces on a 13” reel.
Product Features
1.4-2.7 GHz Frequency Range
31.7 dB Maximum Gain at 2 GHz
31.5 dB Gain Range in 0.5 dB Steps
+43 dBm Output IP3
+24.5 dBm Output P1dB
1.5 dB Noise Figure at Max. Gain State
Fully Internally Matched Module
Integrated Blocking Capacitors, Bias Inductors
3-wire SPI Control Programming
Functional Block Diagram
General Description
The TQM879006A is a digital variable gain amplifier
(DVGA) featuring high linearity over the entire gain
control range.
The amplifier module features the
integration of a low noise amplifier gain block, a digital-
step attenuator (DSA), along with a high linearity ¼W
amplifier.
The module has the added features of
integrating all matching components with bias chokes
and blocking capacitors. The internal DSA offers 0.5 dB
step, 6-bit, and 31.5 dB range and is controlled with a
serial periphery interface (SPITM).
The TQM879006A features variable gain from 0 dB to
31.7 dB at 2 GHz, has +43 dBm Output IP3, and +24.5
dBm P1dB. The amplifier also has a very low 1.5 dB
Noise Figure (at maximum gain) allowing it to be an ideal
DVGA for both receiver and transmitter applications.
The amplifier operates from a single +5V supply and is
available in a compact 28-pin 6x6 mm leadless SMT
package.
The TQM879006A is pin compatible with the
TQM829007 (0.6-1GHz, 0.25W DVGA) and TQM879008
(1.5-2.7 GHz, 0.5W DVGA). This allows one to size the
right type of device for specific system level
requirements as well as making the DVGA family ideal
for applications where a common PCB layout is used for
different frequency bands.
Pin Configuration
Pin No.
Symbol
1
LE
2
DATA
3
CLK
4, 22
NC
6
RFIN
8
VCC_AMP1
14
VCC_AMP2
16
RFOUT
28
VCC_SPI
All Other Pins
GND


Similar Part No. - TQM879006A_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879006A-PCB TRIQUINT-TQM879006A-PCB Datasheet
902Kb / 11P
   1.4-2.7GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879006A-PCB QORVO-TQM879006A-PCB Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
TQM879006ATR13** QORVO-TQM879006ATR13* Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results

Similar Description - TQM879006A_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
   1.4-2.7GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com