Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM879006A Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQM879006A
Description  1.4 ??.7 GHz W Digital Variable Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879006A Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQM879006A_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 9Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 10Page - TriQuint Semiconductor TQM879006A_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TQM879006A
1.4 −2.7 GHz ¼ W Digital Variable Amplifier
Datasheet: Rev R 11-15-13
- 7 of 11 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Detailed Device Description
The TQM879006A is a 50 Ω internally matched digital variable gain amplifier (DVGA) featuring high linearity over the
entire gain control range. The amplifier module features the integration of a low noise amplifier gain block, a digital
step attenuator (DSA), along with a high linearity ¼W amplifier as shown in the functional diagram below. The
module is unconditionally stable. Internal blocking capacitors and bias structures keep external parts count to a
minimum. The DVGA has an operational frequency range from 1.4 - 2.7 GHz.
Functional Schematic Diagram
AMP1
DSA
SPI
AMP2
M
M
DC Bias
DC Bias
LE
DATA
CLK
Pin 1
Pin 6
Pin 16
Pin 2
Pin 3
Pin 14
Pin 8
DC Block
DC Block
DC Block
DC Block
Where M = Matching Network.
Chain Analysis Table
This table provides the typical performance of individual stages in the module as well as overall module performance.
Parameter
AMP1
DSA
AMP2
Overall Module
Units
Gain
19
-1.8
14.5
31.7
dB
NF
1.3
1.8
4.0
1.5
dB
OIP3
36
55
43
43
dBm
P1dB
20
28.5
24.5
24.5
dBm
Icc
85
2.0
87
174
mA


Similar Part No. - TQM879006A_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879006A-PCB TRIQUINT-TQM879006A-PCB Datasheet
902Kb / 11P
   1.4-2.7GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879006A-PCB QORVO-TQM879006A-PCB Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
TQM879006ATR13** QORVO-TQM879006ATR13* Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results

Similar Description - TQM879006A_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
   1.4-2.7GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com