Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM756014 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQM756014
Description  Excellent Phase Discontinuity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM756014 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQM756014_15 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TQM756014
Data Sheet
Multi-Mode (WCDMA B4, CDMA BC15, HSPA+, LTE) 3x3 PA Module
Data Sheet:
For additional information and latest specifications, see our website: www.triquint.com
Revision J, August 08, 2012
1
Functional Block Diagram
Product Description
The TQM756014 is fully matched Power Amplifier Module designed for use in
CDMA BC15 (AWS), WCDMA (Bands 4) and LTE handsets. Its compact 3x3mm
package including a coupler and built-in voltage regulator makes it ideal for
today’s extremely small data enabled phones. Its RF performance meets the
stringent linearity requirements for multi-mode operation.
The TQM756014 is designed on TriQuint’s GaAs BiHEMT technology with CuFlip®
assembly offering state of the art reliability, temperature stability and ruggedness.
The 3-Gain state PA die operates in LPM, MPM and HPM to maximize talk time
over the entire range of operating conditions. To simplify the cost/time of
calibration while in production the TQM776011 can be used in 1-bit operation;
either LPM/HPM with only 4mA of IcQ up to +13dBm in LPM, or MPM/HPM with
9mA of IcQ up to +17dBm in MPM.
Electrical Specifications
Parameter
Typ
Units
Frequency
1733
MHz
WCDMA mode maximum Pout1
28.3
dBm
LPM Quiescent Current
4
mA
ACLR5
-40
dBc
ACLR10
-54
dBc
Power Supply Current @ 28.3dBm
490
mA
Rx Band Noise
-142
dBm/Hz
Note 1: Test Conditions WCDMA Rel99 Test Mode: VCC=3.4VDC, VEN=HIGH, Tc=25°C
Features
 GaAs BiHEMT / CuFlip® PA Technology
 Typical Quiescent Current values:
LPM: 4 mA
MPM: 9 mA
HPM: 90 mA
 Excellent Linearity in all modes
 Integrated high performance coupler
 Excellent Phase Discontinuity
 Built-in voltage regulator functionality
eliminating any external switch circuitry
 Small 10-pin, 3x3mm module
 Lead-free 260°C / RoHS / Halogen-free
 Full ESD protection
Applications
 WCDMA B4 Handsets
 CDMA2000 BC15 (AWS) Applications
 HSUPA, HSDPA, HSPA+ Applications
 LTE-Compatible Applications
Package Style
1
3
2
4
5
10
8
9
7
6
1
3
2
4
5
10
8
9
7
6
10-Pin Laminate Module
Top View (through package)
VCC1
Vmode1
RF IN
Vmode0
2-Bit Bias Control
VEN
VCC2
CPLR IN
RF OUT
GND
CPLR OUT
VCC1
Vmode1
RF IN
Vmode0
VEN
VCC2
CPLR IN
RF OUT
GND
CPLR OUT


Similar Part No. - TQM756014_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
   Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
More results

Similar Description - TQM756014_15

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CO27VH15DE-02-10.000 CRYSTEKMICROWAVE-CO27VH15DE-02-10.000 Datasheet
159Kb / 2P
   Excellent Phase Noise
logo
Pletronics, Inc.
LV7745DEV15625M PLETRONICS-LV7745DEV15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
logo
Abracon Corporation
ASTXR-12-26.000MHZ-512883 ABRACON-ASTXR-12-26.000MHZ-512883 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.11.14
ASTXR-13-26.000MHZ-509764 ABRACON-ASTXR-13-26.000MHZ-509764 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.23.14
ASTXR-12-26.000MHZ-511741 ABRACON-ASTXR-12-26.000MHZ-511741 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.11.14
ASTXR-12-26.000MHZ-511911 ABRACON-ASTXR-12-26.000MHZ-511911 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.11.14
logo
M/A-COM Technology Solu...
2089-6201-00 MA-COM-2089-6201-00 Datasheet
425Kb / 4P
   Excellent Amplitude and Phase Balance
logo
Littelfuse
SXX06XSX LITTELFUSE-SXX06XSX Datasheet
774Kb / 11P
   Excellent unidirectional switches for phase
logo
TXC Corporation.
BF-SERIES TXC-BF-SERIES Datasheet
966Kb / 1P
   Excellent low phase noise and jitter.
logo
Littelfuse
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com