Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM700013 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQM700013
Description  Band 13 LTE PA Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM700013 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQM700013 Datasheet HTML 1Page - TriQuint Semiconductor TQM700013 Datasheet HTML 2Page - TriQuint Semiconductor TQM700013 Datasheet HTML 3Page - TriQuint Semiconductor TQM700013 Datasheet HTML 4Page - TriQuint Semiconductor TQM700013 Datasheet HTML 5Page - TriQuint Semiconductor TQM700013 Datasheet HTML 6Page - TriQuint Semiconductor TQM700013 Datasheet HTML 7Page - TriQuint Semiconductor TQM700013 Datasheet HTML 8Page - TriQuint Semiconductor TQM700013 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQM700013
Band 13 LTE PA Module
Datasheet: Rev H 4/28/14
- 2 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Supply Voltage (VDD)
+3.2
-
+4.2
V
VEN “Low”
0.0
-
+0.5
V
VEN “High”
+1.35 +1.8
+3.1
V
VMODE “Low”
0.0
-
+0.5
V
VMODE “High”
+1.35 +1.8
+3.1
V
TCASE
−20
+90
°C
Electrical performance is measured under conditions noted in
the electrical specifications table.
Specifications are not
guaranteed over all recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−30 to 150 °C
RF Input Power, CW, 50Ω, T=25°C
+10 dBm
Supply Voltage (VCC1, VCC2)
+4.5 V
Control Voltage (VEN, VMODE)
+4.2 V
Operation of this device outside the parameter ranges
given above may cause permanent damage. Exposure
exceeding absolute maximum rating conditions for
extended periods may affect device reliability. Absolute
maximum conditions are not guaranteed if multiple are
applied at the same time.
Electrical Specifications
Test conditions unless otherwise noted: LTE 10 MHz QPSK 12 RB, RBstart = 0, Temp.= +25 °C, VCC1 = VCC2 = +3.4 V
Parameter
Conditions
Min
Typ
Max
Units
Frequency Range
777
787
MHz
PA Enable Current
-
-
0.1
mA
Mode Control Current
-
-
0.1
mA
Leakage Current 2
-
10
-
µA
Turn on/off time
DC: ICC to within 90% of final value
-
-
20
µs
RF: POUT within 1 dB of final value
-
-
6
Quiescent Current
LPM
-
11
-
mA
Maximum POUT
HPM, Worst case LTE MPR=0dB
27.5
-
-
dBm
LPM, Worse case LTE MPR=0dB
16.0
-
-
Supply Current
HPM, POUT = PMAX
-
430
-
mA
LPM, POUT = +16 dBm
-
45
-
Gain
HPM (POUT ≤ PMAX)
28
31
34
dB
LPM (POUT ≤ +16 dBm)
16
19
21.5
LTE Gain Variation
All modes
-
-
±0.25
dB
Gain Linearity
All modes
-
±1.0
-
dB
ACLR
LTE E-UTRAACLR, POUT ≤ (PMAX – MPR)
-
-
−33
dBc
LTE UTRAACLR1, ±5 MHz, POU T ≤ (PMAX – MPR)
-
-
−36
LTE UTRAACLR2, ±10 MHz, POUT ≤ (PMAX – MPR)
-
-
−39
EVM
POUT ≤ (PMAX – MPR)
-
-
5
% rms
Harmonic Suppression
POUT ≤ PMAX, 1 MHz BW
H2
-
-
−42
dBc
H3+
-
-
−42
Rx Band Noise
10 MHz LTE, −31 MHz offset from Tx,
±4.5 MHz,
15  RB
-
-
−126
dBm / Hz
20 RB
-
-
−122
B13 NS_07 PS emissions
All modes, 763 – 775 MHz
-
-
−58
dBm /
6.25 kHz
ISM Noise
2400 – 2483.5 MHz
-
-
−143
dBm / Hz
GPS Noise
1574 – 1577 MHz
-
-
−140
dBm / Hz


Similar Part No. - TQM700013

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM700013 TRIQUINT-TQM700013 Datasheet
140Kb / 1P
   Band 13 LTE PA Module
More results

Similar Description - TQM700013

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM700013 TRIQUINT-TQM700013 Datasheet
140Kb / 1P
   Band 13 LTE PA Module
TQM700017 TRIQUINT-TQM700017 Datasheet
143Kb / 1P
   Band 17 LTE PA Module
TQM700017 TRIQUINT-TQM700017_15 Datasheet
707Kb / 10P
   Band 17 LTE PA Module
logo
RF Micro Devices
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
logo
RF Micro Devices
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
logo
Qorvo, Inc
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
RF Micro Devices
RF7321DS RFMD-RF7321DS Datasheet
671Kb / 10P
   3V LTE Band 11, 21 Linear PA Module
logo
Qorvo, Inc
RF7321DS QORVO-RF7321DS Datasheet
671Kb / 10P
   3V LTE Band 11, 21 Linear PA Module
logo
ANADIGICS, Inc
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
   HELP3DC (Band 8) LTE/WCDMA Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com