Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST180S04P0VL Datasheet(PDF) 10 Page - International Rectifier

Part # ST180S04P0VL
Description  PHASE CONTROL THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S04P0VL Datasheet(HTML) 10 Page - International Rectifier

Back Button ST180S04P0VL Datasheet HTML 2Page - International Rectifier ST180S04P0VL Datasheet HTML 3Page - International Rectifier ST180S04P0VL Datasheet HTML 4Page - International Rectifier ST180S04P0VL Datasheet HTML 5Page - International Rectifier ST180S04P0VL Datasheet HTML 6Page - International Rectifier ST180S04P0VL Datasheet HTML 7Page - International Rectifier ST180S04P0VL Datasheet HTML 8Page - International Rectifier ST180S04P0VL Datasheet HTML 9Page - International Rectifier ST180S04P0VL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ST180S Series
2222222222222
12
Outline Table
Case Style TO-209AB (TO-93) Flag
All dimensions in millimeters (inches)
GLASS-METAL SEAL
3 (0.12)
DIA. 28.5 (1.12) MAX.
FLAG TERMINALS
1.5 (0.06) DIA.
SW 32
22 (0.89)
DIA. 6.5 (0.25)
14 (0.55)
3/4"-16UNF-2A*
*FOR METRIC DEVICE. M16 X 1.5 - LENGHT 21 (0.83) MAX.
CERAMIC HOUSING
3 (0.12)
DIA. 27.5 (1.08) MAX.
FLAG TERMINALS
1.5 (0.06) DIA.
SW 32
22 (0.89)
DIA. 6.5 (0.25)
14 (0.55)
*FOR METRIC DEVICE. M16 X 1.5 - LENGHT 21 (0.83) MAX.
3/4"-16UNF-2A*
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST180S04P0VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180S04P0V IRF-ST180S04P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST180S04P0VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com