Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF420 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # BF420
Description  SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BF420 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  BF420 Datasheet HTML 1Page - KEC(Korea Electronics) BF420 Datasheet HTML 2Page - KEC(Korea Electronics) BF420 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1998. 10. 31
3/3
BF420
Revision No : 2
0
0
0
COLLECTOR-BASE VOLTAGE VCB (V)
Cob.Cre - VCB
310
1
0.3
COLLECTOR CURRENT IC (mA)
0
PC - Ta
fT - IC
COLLECTOR-EMITTER VOLTAGE VCE (V)
3
10
SAFE OPERATING AREA
40
80
120
160
200
240
280
2
4
6
8
10
I =0
f=1MHz
Ta=25 C
E
C ob
C re
40
80
120
160
200
200
400
600
800
1000
30
100
300
0.5
1
3
5
10
30
50
100
200
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE.
*
I
MAX.(PULSED)
I
MAX.(CONTINUOUS)
C
C
*
DC
OPERATION
100ms
10ms 1ms
*
*
*
30
10
30
50
100
300
500
COMMON EMITTER
Ta=25 C
V
=20V
CE
V
=10V
CE
AMBIENT TEMPERATURE Ta ( C)


Similar Part No. - BF420

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF420 MOTOROLA-BF420 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
SHENZHEN YONGERJIA INDU...
BF420 WINNERJOIN-BF420 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
NXP Semiconductors
BF420 PHILIPS-BF420 Datasheet
62Kb / 6P
   NPN high-voltage transistors
2004 Nov 10
More results

Similar Description - BF420

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BF422 KEC-BF422 Datasheet
417Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
BF421 KEC-BF421 Datasheet
387Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
BF423 KEC-BF423 Datasheet
458Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
logo
Toshiba Semiconductor
2SC3619 TOSHIBA-2SC3619 Datasheet
192Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3334 TOSHIBA-2SC3334 Datasheet
190Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC5027 TOSHIBA-2SC5027 Datasheet
228Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
KEC(Korea Electronics)
KTC3207 KEC-KTC3207 Datasheet
458Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
KTC3217 KEC-KTC3217 Datasheet
283Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
KTC3208 KEC-KTC3208 Datasheet
367Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com