Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM8M9077 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQM8M9077
Description  0.05 to 4 GHz Digital Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9077 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQM8M9077 Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9077 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TQM8M9077
0.05 – 4 GHz Digital Variable Gain Amplifier
Typical Performance TQM8M9077-PCB
Test conditions unless otherwise noted: VDD=+5 V, IDD
=88 mA (typ.), Temp=+25 °C
Parameter
Typical Value
Units
Frequency
500
900
2140
2700
3500
4000
MHz
Gain (1)
14.1
14.0
13.0
13.0
12.4
11.4
dB
Input Return Loss
15.8
16.2
17.6
32.5
12.2
10.1
dB
Output Return Loss
14.3
22.5
10.5
13.9
13.6
9.6
dB
Output P1dB
+21.5
+21.7
+21.5
+20.5
+19.6
+18.3
dBm
Output IP3 (2)
+40.7
+41.2
+38.5
+37.8
+36.3
+35.6
dBm
Noise Figure (3)
3.0
3.1
3.9
4.3
5.5
6.2
dB
Notes:
1. Gain values reflect de-embedding of 0.4 dB eval board RF I/O line losses that would not be present in target applications.
2. Pout= +3 dBm/
tone, Δf=1 MHz
3. NF values reflect de-embedding of eval board RF I/O line losses that would not be present in target applications.
4. Unless otherwise stated, performance plots shown below for DVGA maximum gain state.
Performance Plots - TQM8M9077-PCB
9
10
11
12
13
14
15
16
0
1
2
3
4
Frequency (GHz)
Gain vs. Frequency
+85°C
+25°C
40°C
-40
-30
-20
-10
0
0
1
2
3
4
Frequency (GHz)
Input Return Loss vs. Frequency
+85°C
+25°C
40°C
-25
-20
-15
-10
-5
0
0
1
2
3
4
Frequency (GHz)
Output Return Loss vs. Frequency
+85°C
+25°C
40°C
30
35
40
45
50
0.0
1.0
2.0
3.0
4.0
Frequency (MHz)
OIP3 vs. Frequency
1 MHz Tone Spacing
Pout / tone = +3 dBm
+85
°C
+25
°C
−40
°C
16
18
20
22
24
26
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
P1dB vs. Frequency
+85
°C
+25
°C
−40
°C
0
2
4
6
8
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
Noise Figure vs. Frequency
+85
°C
+25
°C
−40
°C
-25
-20
-15
-10
-5
0
5
10
15
20
0
1
2
3
4
Frequency (GHz)
Gain vs. Frequency
Max Gain
Min Gain
Temp.=+25°C, Key bit states
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
Frequency (GHz)
Input Return Loss vs. Frequency
Min Gain
Temp.=+25°C
Key bit states
Max Gain
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
Frequency (GHz)
Output Return Loss vs. Frequency
Temp.=+25°C
Key bit states
Min Gain
Max Gain
`
Datasheet Rev. F 10-20-14
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQM8M9077

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9077-PCB TRIQUINT-TQM8M9077-PCB Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQM8M9077

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
904Kb / 10P
   0.05-4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com