Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM8M9076 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQM8M9076
Description  0.05 to 4 GHz Digital Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9076 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQM8M9076 Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9076 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TQM8M9076
0.05
 – 4 GHz Digital Variable Gain Amplifier
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VDD
+3.3
+5
+5.25
V
IDD
125
mA
Operating Temp. Range
−40
+85
°C
Tch (for >106 hours MTTF)
+190
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to +150 °C
RF Input Power,
CW, 50Ω, T=+25 °C
+24 dBm
Supply Voltage (VDD)
+6 V
Reverse Device Voltage
−0.3 V
Digital Input Voltage
VDD+0.5 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted: VDD
=+5 V, Temp.=+25 °C, Configured as DSA followed by Amp
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
50
4000
MHz
Test Frequency
2140
MHz
Gain
18.0
19.5
dB
Gain Control Range
31.5
dB
Gain Accuracy
± (0.3 + 4% of Atten. Setting) Max
dB
Attenuation Step
0.5
dB
Time rise / fall
10% / 90% RF
90
ns
Time on, Time off
50% CTL to 10%
 / 90% RF
100
ns
Input Return Loss
13
dB
Output Return Loss
10
dB
Output P1dB
+21.5
dBm
Output IP3
Pout=+3
 dBm / tone, Δf=1 MHz
+35
+38.5
dBm
Noise Figure
At max gain level
2.9
dB
Supply Current (IDD)
80
125
150
mA
Thermal Resistance
Channel to case
38
°C/W
Datasheet Rev. G 10-22-14
- 2 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQM8M9076

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
904Kb / 10P
   0.05-4 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQM8M9076

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
904Kb / 10P
   0.05-4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com