Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM7M9023 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQM7M9023
Description  Multimode Multiband Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM7M9023 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQM7M9023_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM7M9023_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TQM7M9023
Data Sheet
5.0x7.5mm Multimode Multiband Power Amplifier (MMPA)
(Quad-Band GSM / EDGE and Tri-band W/CDMA/HSPA+/LTE)
Data Sheet
For additional information and the latest specifications, see our website: www.triquint.com
Revision F,September, 2011
4
GSM 850/GSM 900 Band Electrical Characteristics1
Parameter
Conditions
Min
Typ
Max
Units
Operating frequency range
GSM 850
GSM 900
824
880
849
915
MHz
MHz
Input power
9
dBm
Maximum output power
GMSK HPM
GMSK HPM (degraded power)
8PSK (RMS power)
Low Power Mode
34.5
32.5
14.0
35
29
dBm
dBm
dBm
dBm
Power added efficiency
(PAE)
GMSK HPM, POUT = PSAT _HPM
GMSK MPM, POUT = PSAT _MPM
8PSK HPM, POUT = 29dBm
GMSK LPM IBATT, POUT = 6dBm
55
41
28
70
%
%
%
mA
Gain
High-power mode POUT = 34.5 dBm
Medium-power mode POUT = 30.5 dBm
Low-Power mode POUT = 14 dBm
26.5
23.5
13
33.5
31.0
22.0
dB
dB
dB
Gain variations – Tc
-25< Tc < 90°C (all modes)
±1.5
dB
Gain variations – VBATT
3.2 < VBATT < 4.2V (all modes)
±1
dB
±400 kHz, POUT ≥ 28dBm
±400 kHz, All power levels
-60
-45
-57
-40
dBc/30 kHz
dBm/30kHz
EDGE ACPR2
±600 kHz, POUT ≥ 19dBm
±600 kHz, All power levels
-70
-60
-63
-55
dBc/30 kHz
dBm/30kHz
EDGE EVM
All modes
3
%
Rx Band noise
Rx=869-894 MHz
-87
dBm/100 kHz
Rx=925-935 MHz
-84
dBm/100 kHz
Rx=935-960 MHz
-87
dBm/100 kHz
Harmonics
2 fo, POUT ≤34.5dBm
3fo-5fo, POUT ≤34.5dBm
-10
-15
dBm
dBm
Input Impedance
2:1
VSWR
Stability
Load VSWR ≤ 8:1 in band, all phase angles
-36
dBm
Ruggedness
POUT≤34.5dBm
10:1
Note 1: Performance referenced to module pin under the following conditions unless otherwise specified: T=25°C, Vcc=3.5V, duty =25%,
pulse width =1154us, LB_EN = High
Note 2: ACPR spec referenced in dBc is relaxed by 1dB for every 1dB POUT change for all power levels less than 28dBm for ±400kHz and
all power levels less than 19dBm for ±600kHz. ACPR spec referenced in dBm holds for all power levels and all modes.


Similar Part No. - TQM7M9023_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M9023 TRIQUINT-TQM7M9023 Datasheet
426Kb / 15P
   5.0x7.5mm Multimode Multiband Power Amplifier
More results

Similar Description - TQM7M9023_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77619 SKYWORKS-SKY77619 Datasheet
85Kb / 2P
   Multimode Multiband Power Amplifier
logo
TriQuint Semiconductor
TQM7M9023 TRIQUINT-TQM7M9023 Datasheet
426Kb / 15P
   5.0x7.5mm Multimode Multiband Power Amplifier
logo
Skyworks Solutions Inc.
SKY77603 SKYWORKS-SKY77603 Datasheet
225Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77629-51 SKYWORKS-SKY77629-51 Datasheet
98Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77630 SKYWORKS-SKY77630 Datasheet
100Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77643-21 SKYWORKS-SKY77643-21 Datasheet
86Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77606 SKYWORKS-SKY77606 Datasheet
585Kb / 2P
   Multiband Multimode Power Amplifier Module
SKY77657-11 SKYWORKS-SKY77657-11 Datasheet
82Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77658-11 SKYWORKS-SKY77658-11 Datasheet
84Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77629 SKYWORKS-SKY77629 Datasheet
114Kb / 2P
   Multimode Multiband Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com