Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM4M9073 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQM4M9073
Description  Through Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM4M9073 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQM4M9073_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM4M9073_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM4M9073_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM4M9073_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM4M9073_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM4M9073_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM4M9073_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TQM4M9073
Through Line
Datasheet: Rev D 12-14-10
- 7 of 7 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Product Compliance Information
MSL Rating
The part is rated Moisture Sensitivity Level 3 at 260°C
per JEDEC standard IPC/JEDEC J-STD-020.
Solderability
Compatible with the latest version of J-STD-020, Lead
free solder, 260°
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C15H12Br402) Free
 PFOS Free
 SVHC Free
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@tqs.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjapplications.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contain
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products. The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


Similar Part No. - TQM4M9073_15

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQM200A TOPSTEK-TQM200A Datasheet
94Kb / 2P
   Topstek Current Transducer
logo
TriQuint Semiconductor
TQM2M9016 TRIQUINT-TQM2M9016 Datasheet
862Kb / 7P
   GPS/ SDARS Diplexer
logo
Qorvo, Inc
TQM2M9016 QORVO-TQM2M9016 Datasheet
801Kb / 7P
   GPS/ SDARS Diplexer
TQM2M9016-EVB QORVO-TQM2M9016-EVB Datasheet
801Kb / 7P
   GPS/ SDARS Diplexer
logo
TriQuint Semiconductor
TQM2M9016 TRIQUINT-TQM2M9016_15 Datasheet
862Kb / 7P
   GPS/ SDARS Diplexer
More results

Similar Description - TQM4M9073_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ7399 QORVO-TQQ7399 Datasheet
812Kb / 5P
   DC ??2700 MHz Through Line
logo
Allied Components Inter...
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
API Technologies Corp
52F226-011-10 APITECH-52F226-011-10 Datasheet
784Kb / 8P
   DC Single Line Feed-through Series
logo
Dongguan Xinkang Electr...
TDA149 TNK-TDA149 Datasheet
148Kb / 1P
   VDSL Line Transformer Through Hole Magnetics
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
   ADSL Line Transformer Through Hole Magnetics
logo
Allied Components Inter...
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com