Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQL9044 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQL9044
Description  1500 to 4000 MHz Bypass LNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9044 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TQL9044 Datasheet HTML 1Page - TriQuint Semiconductor TQL9044 Datasheet HTML 2Page - TriQuint Semiconductor TQL9044 Datasheet HTML 3Page - TriQuint Semiconductor TQL9044 Datasheet HTML 4Page - TriQuint Semiconductor TQL9044 Datasheet HTML 5Page - TriQuint Semiconductor TQL9044 Datasheet HTML 6Page - TriQuint Semiconductor TQL9044 Datasheet HTML 7Page - TriQuint Semiconductor TQL9044 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TQL9044
1500
– 4000 MHz Bypass LNA
Datasheet: Rev F 04-13-15
- 8 of 8 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity
Caution! ESD-Sensitive Device
ESD Rating: Class 1A
Voltage:
≥250V to 500V
Test: Human Body Model (HBM)
Standard: JEDEC Standard JS-001-2012
ESD Rating: Class C3
Value:
≥ 1000 V
Test: Charged Device Model (CDM)
Standard: JEDEC Standard JESD22-C101F
Solderability
Compatible with both lead-free (260°C max. reflow
temperature)
and
tin/lead
(245°C
max.
reflow
temperature) soldering processes.
Package contact plating: NiPdAu
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
MSL Rating: Level 1
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - TQL9044

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9047 TRIQUINT-TQL9047 Datasheet
599Kb / 13P
   High Linearity Gain Block
More results

Similar Description - TQL9044

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
   1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
   50-1500 MHz Dual LNA
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
logo
BeRex Corporation
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
   1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com