Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQL9044 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQL9044
Description  1500 to 4000 MHz Bypass LNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9044 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQL9044_15 Datasheet HTML 1Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 2Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 3Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 4Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 5Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 6Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 7Page - TriQuint Semiconductor TQL9044_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TQL9044
1500
– 4000 MHz Bypass LNA
Datasheet: Rev F 04-13-15
- 4 of 8 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Typical Performance (LNA Mode)
Test conditions unless otherwise noted: VDD = +5 V, ID = 70 mA, Temp.=+25
 °C.
Parameter
Typical Value
Units
Frequency
1700
1900
2300
2500
2600
2700
MHz
Gain
20.2
19.4
18
17.3
17
16.7
dB
Noise Figure
0.55
0.6
0.63
0.7
0.8
0.8
dB
Input Return Loss
6.0
6.2
6.4
6.4
6.6
6.6
dB
Output Return Loss
9.8
9.8
9.9
10
10.1
10.2
dB
Output P1dB
+19.8
+20.4
+20
+20
+19.9
+19.8
dBm
OIP3 (Pout/tone=+5 dBm, Δf = 1 MHz)
+34.6
+34.5
+34.5
+34.5
+34.3
+34.8
dBm
Typical Performance (Bypass Mode)
Test conditions unless otherwise noted: VDD = +5 V, Id = 3 mA, Temp.=+25
 °C.
Parameter
Typical Value
Units
Frequency
1700
1900
2300
2500
2600
2700
MHz
Insertion Loss
1
1
1.1
1.2
1.3
1.4
dB
Input Return Loss
16.3
16
15.6
15.5
15.4
15.1
dB
Output Return Loss
19.2
19.8
19.6
19.7
19.4
19
dB
Input IP3 (Pin/tone=+6 dBm, Δf = 1 MHz)
+36.1
+36.2
+36.4
+35.1
+35.6
+35.5
dBm
Typical Performance (LNA OFF, Bypass OFF Mode)
Test conditions unless otherwise noted: VDD = +5 V, Temp.=+25
 °C.
Parameter
Typical Value
Units
Frequency
1700
1900
2300
2500
2600
2700
MHz
Isolation
8.7
9.5
11.2
12.2
13
13.5
dB


Similar Part No. - TQL9044_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9047 TRIQUINT-TQL9047 Datasheet
599Kb / 13P
   High Linearity Gain Block
More results

Similar Description - TQL9044_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
   1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
   50-1500 MHz Dual LNA
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
logo
BeRex Corporation
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
   1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com